Electronic Components Datasheet Search
  English  ▼

X  

CX2016GR Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX2016GR
Description  Crystal units surface mount type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX2016GR Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX2016GR Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
Surface Mount Type CX2016GR
RoHS Compliant
Features
• Crystal unit for automotive electronics
le
(2.0
×1.6×0.8mm)
• Ceramic package
ow compatible
• AEC
-
ed
Applications
• ECU
• Automotive Camera
• Radar
How to Order
CX2016GR 27000
D0 G T V □□
①
②
③ ④⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
④ Frequency Tolerance
G
±15×10−6
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
TV
−40 to +150°C
±150×10−6
⑦
cation
Packaging (Tape & Reel 3000/ 15000 pcs./ reel)
Specifications
s
fi
i
c
e
p
S
l
o
b
m
y
S
m
e
t
I
k
r
a
m
e
R
s
t
i
n
U
n
o
i
t
a
c
Frequency Range
f_nom
16000 to 60000
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
.
e
c
n
a
ti
c
a
p
a
C
d
a
o
L
r
e
h
t
o
r
o
f
s
u
t
c
a
t
n
o
c
e
s
a
e
l
P
F
p
8
L
C
Frequency Tolerance
f_tol
±15
×10−6
25
°C±3°C
Motional Series Resistance
m
h
o
1
e
l
b
a
T
1
R
Drive Level
DL
Table 2
W
Operating Temp. Range
T_use
−40 to +150
°C
Storage Temp. Range
T_stg
−40 to +150
°C
Frequency Temp. Characteristics
f_tem
±150
×10−6
Freq. deviation from the value at 25
°C
Recommended Land Pattern
(Unit: mm)
0.50
0.875
Dimensions
(Unit: mm)
2.05
±0.10
0.65
4-R0.10
R0.20
Table2 Level of Drive
Frequency Range
Level of Drive
16000≤f_nom
<64000kHz
10 W (200 W max.)
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
16000≤f_nom
<18000kHz
300 max.
18000≤f_nom
<20000kHz
200 max.
20000≤f_nom
<40000kHz
100 max.
40000≤f_nom≤64000kHz
50 max.
2.0
×1.6mm for Automotive
As of March 2018


Similar Part No. - CX2016GR

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
2.0횞1.6mm for Consumer Products
CX2016DB18000D0GEJZ1 KSS-CX2016DB18000D0GEJZ1 Datasheet
125Kb / 1P
2.0횞1.6mm for Consumer Products
CX2016DB20000D0GEJZ1 KSS-CX2016DB20000D0GEJZ1 Datasheet
125Kb / 1P
2.0횞1.6mm for Consumer Products
CX2016DB24000D0GEJZ1 KSS-CX2016DB24000D0GEJZ1 Datasheet
125Kb / 1P
2.0횞1.6mm for Consumer Products
CX2016DB24576D0GEJZ1 KSS-CX2016DB24576D0GEJZ1 Datasheet
125Kb / 1P
2.0횞1.6mm for Consumer Products
More results

Similar Description - CX2016GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX2520SB KSS-CX2520SB Datasheet
1Mb / 27P
Crystal Units Surface Mount Type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
Crystal units surface mount type
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
Crystal units surface mount type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com