Electronic Components Datasheet Search
  English  ▼

X  

CX2520DB Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # CX2520DB
Description  Crystal units surface mount type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX2520DB Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX2520DB Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHSCompliant
Features
• Crystal unit for Consumer Products
• Ceramic package
• Reflow compatible
Applications
• Digital Electronics
• Consumer Products
• Mobile Communications, Bluetooth
®,
Wireless LAN
* Bluetooth® Trademarks are owned by
Bluetooth SIG Inc.
2.5 0.1
CONNECTION
(TOP VIEW)
HOT
HOT
GND
#4
#3
#1
#2
#4
#3
#1
#2
#1
#2
#4
#3
4 R0.15
4 0.66 0.1
4 0.15 0.1
0.115
Dimensions
(Unit: mm)
1.2
1.2
0.5
1.7
Recommended Land Pattern
(Unit: mm)
Table2 Level of Drive
Frequency Range
Level of Drive
12000
≤f_nom≤54000kHz
10
μW (100μW max.)
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
12000
≤f_nom<16000kHz
150
Ω max.
16000
≤f_nom<26000kHz
80
Ω max.
26000
≤f_nom<30000kHz
60
Ω max.
30000
≤f_nom≤54000kHz
50
Ω max.
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
12000 to 54000
kHz
Overtone Order
OT
Fundamental
―
Load Capacitance
CL
8
pF
Please contact us for other Load Capacitance.
Frequency Tolerance
f_tol
±15
×10−6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
−10 to +70
−30 to +85
°C
Storage Temp. Range
T_stg
−40 to +85
°C
Frequency Temp. Characteristics
f_tem
±15
×10−6
Freq. deviation from the value at 25
°C
Please contact us for other specifications.
2.5
×2.0mm for Consumer Products/ Mobile Communications
Crystal Units
Surface Mount Type CX2520DB
How to Order
CX2520DB 27000 D0 G □ J CC
①
②
③ ④⑤⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
④ Frequency Tolerance
G
±15×10−6
⑤ Operating Temp. Range ⑥ Frequency Temp. Stability
EJ
−10 to +70°C
±15×10−6
LJ
−30 to +85°C
±15×10−6
⑦ Individual Specification
(STD Specification is “CC”)
Packaging (Tape & Reel 1000/ 3000/ 12000 pcs./ reel)
As of March 2018


Similar Part No. - CX2520DB

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
2.5횞2.0mm for Consumer Products
CX2520DB16000D0GEJZ1 KSS-CX2520DB16000D0GEJZ1 Datasheet
125Kb / 1P
2.5횞2.0mm for Consumer Products
CX2520DB19200D0GEJZ1 KSS-CX2520DB19200D0GEJZ1 Datasheet
125Kb / 1P
2.5횞2.0mm for Consumer Products
CX2520DB24000D0GEJZ1 KSS-CX2520DB24000D0GEJZ1 Datasheet
125Kb / 1P
2.5횞2.0mm for Consumer Products
CX2520DB24576D0GEJZ1 KSS-CX2520DB24576D0GEJZ1 Datasheet
125Kb / 1P
2.5횞2.0mm for Consumer Products
More results

Similar Description - CX2520DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX2520SB KSS-CX2520SB Datasheet
1Mb / 27P
Crystal Units Surface Mount Type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
Crystal units surface mount type
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
Crystal units surface mount type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com