Electronic Components Datasheet Search
  English  ▼

X  

PCA9539D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9539D
Description  16-bit I2C and SMBus, low power I/O port with interrupt and reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9539D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9539D Datasheet HTML 1Page - NXP Semiconductors PCA9539D Datasheet HTML 2Page - NXP Semiconductors PCA9539D Datasheet HTML 3Page - NXP Semiconductors PCA9539D Datasheet HTML 4Page - NXP Semiconductors PCA9539D Datasheet HTML 5Page - NXP Semiconductors PCA9539D Datasheet HTML 6Page - NXP Semiconductors PCA9539D Datasheet HTML 7Page - NXP Semiconductors PCA9539D Datasheet HTML 8Page - NXP Semiconductors PCA9539D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Philips Semiconductors
Product data sheet
PCA9539
16-bit I2C and SMBus, low power I/O port
with interrupt and reset
2
2004 Sep 30
FEATURES
• 16-bit I2C GPIO with interrupt and reset
• Operating power supply voltage range of 2.3 V–5.5 V
• 5 V tolerant I/Os
• Polarity inversion register
• Active LOW interrupt output
• Active LOW reset input
• Low stand-by current
• Noise filter on SCL/SDA inputs
• No glitch on power-up
• Internal power-on reset
• 16 I/O pins which default to 16 inputs
• 0 kHz to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115, and 1000 V CDM per
JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Offered in three different packages: SO24, TSSOP24, and
HVQFN24
DESCRIPTION
The PCA9539 is a 24-pin CMOS device that provide 16 bits of
General Purpose parallel Input/Output (GPIO) expansion with
interrupt and reset for I2C/SMBus applications and was developed
to enhance the Philips family of I2C I/O expanders. I/O expanders
provides a simple solution when additional I/O is needed for ACPI
power switches, sensors, pushbuttons, LEDs, fans, etc.
The PCA9539 consists of two 8-bit Configuration (Input or Output
selection); Input, Output and Polarity inversion (Active HIGH or
Active LOW operation) registers. The system master can enable the
I/Os as either inputs or outputs by writing to the I/O configuration
bits. The data for each Input or Output is kept in the corresponding
Input or Output register. The polarity of the read register can be
inverted with the Polarity Inversion Register. All registers can be
read by the system master.
The PCA9539 is identical to the PCA9555 except for the removal of
the internal I/O pull-up resistor which greatly reduces power
consumption when the I/Os are held LOW, repleacement of A2 with
RESET and different address range.
The PCA9539 open-drain interrupt output is activated when any
input state differs from its corresponding input port register state and
is used to indicate to the system master that an input state has
changed. The power-on reset sets the registers to their default
values and initializes the device state machine. The RESET pin
causes the same reset/sonfiguration to occur without depowering
the device.
Two hardware pins (A0, A1) vary the fixed I2C address and allow up
to four devices to share the same I2C/SMBus.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
24-Pin Plastic SO
–40
°C to +85 °C
PCA9539D
PCA9539D
SOT137-1
24-Pin Plastic TSSOP
–40
°C to +85 °C
PCA9539PW
PCA9539PW
SOT355-1
24-Pin Plastic HVQFN
–40
°C to +85 °C
PCA9539BS
9539
SOT616-1
Standard packing quantities and other packing data are available at www.standardproducts.philips.com/packaging.
I2C is a trademark of Philips Semiconductors Corporation.
SMBus as specified by the Smart Battery System Implementers Forum is a derivative of the Philips I2C patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com