Electronic Components Datasheet Search
  English  ▼

X  

PCA9546AD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9546AD
Description  4-channel I2C switch with reset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9546AD Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9546AD Datasheet HTML 1Page - NXP Semiconductors PCA9546AD Datasheet HTML 2Page - NXP Semiconductors PCA9546AD Datasheet HTML 3Page - NXP Semiconductors PCA9546AD Datasheet HTML 4Page - NXP Semiconductors PCA9546AD Datasheet HTML 5Page - NXP Semiconductors PCA9546AD Datasheet HTML 6Page - NXP Semiconductors PCA9546AD Datasheet HTML 7Page - NXP Semiconductors PCA9546AD Datasheet HTML 8Page - NXP Semiconductors PCA9546AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
9397 750 14318
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 6 April 2005
5 of 25
Philips Semiconductors
PCA9546A
4-channel I2C switch with reset
6.2 Pin description
[1]
HVQFN package die supply ground is connected to both the VSS pin and the exposed center pad. The VSS
pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical, and
board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the PCB in the thermal pad region.
7.
Functional description
Refer to Figure 1 “Block diagram of PCA9546A” on page 3.
7.1 Device address
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9546A is shown in Figure 5. To conserve power, no
internal pull-up resistors are incorporated on the hardware selectable address pins and
they must be pulled HIGH or LOW.
The last bit of the slave address defines the operation to be performed. When set to
logic 1 a read is selected, while a logic 0 selects a write operation.
Table 3:
Pin description
Symbol
Pin
Description
SO, TSSOP
HVQFN
A0
1
15
address input 0
A1
2
16
address input 1
RESET
3
1
active LOW reset input
SD0
4
2
serial data 0
SC0
5
3
serial clock 0
SD1
6
4
serial data 1
SC1
7
5
serial clock 1
VSS
86 [1]
supply ground
SD2
9
7
serial data 2
SC2
10
8
serial clock 2
SD3
11
9
serial data 3
SC3
12
10
serial clock 3
A2
13
11
address input 2
SCL
14
12
serial clock line
SDA
15
13
serial data line
VDD
16
14
supply voltage
Fig 5.
Slave address
002aab189
1
1
1
0
A2
A1
A0 R/W
fixed
hardware
selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com