Electronic Components Datasheet Search
  English  ▼

X  

C15743 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C15743
Description  Up to 30mm class M, otherwise class C.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15743 Datasheet(HTML) 1 Page - Ledil, Inc.

  C15743 Datasheet HTML 1Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
C15743
C15743_XTM-ADAPTER-50-B
A3
1/1
2,75 g
INDEX PART NO DESCRIPTION
MATERIAL
COLOUR
1
C15743
XTM-ADAPTER-50-B PC
white
120
49.42
3.4
6.8
30.14
3.25
A
A
A
9.33
(3x)
B
Isometric view (1:1)


Similar Part No. - C15743

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15749 LEDIL-C15749 Datasheet
1Mb / 3P
Clear sublens for LENINA reflectors
More results

Similar Description - C15743

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK161 MSK-MSK161 Datasheet
191Kb / 5P
HIGH POWER CLASS C AMPLIFIER
logo
List of Unclassifed Man...
N1030B ETC2-N1030B Datasheet
34Kb / 2P
HEXSEALS:Silicone rubber conforms to A-A-59588 Class 3B, GR 50 unless otherwise specified.
logo
M.S. Kennedy Corporatio...
MSK106RH MSK-MSK106RH_15 Datasheet
211Kb / 7P
Low Power Consumption-Class C Design
logo
Artesyn Technologies
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ_15 Datasheet
633Kb / 4P
C-Class Non-Isolated
SMT30C-12SADJJ ARTESYN-SMT30C-12SADJJ_15 Datasheet
553Kb / 3P
POWER C-Class Non-Isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ_15 Datasheet
563Kb / 3P
POWER C-Class Non-Isolated
SIL30C-12SADJ-VJ ARTESYN-SIL30C-12SADJ-VJ_15 Datasheet
555Kb / 3P
C-Class Non-Isolated POWER
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ_15 Datasheet
752Kb / 4P
C-Class Non-Isolated POWER
SIL06C-05SADJ-VJ ARTESYN-SIL06C-05SADJ-VJ_15 Datasheet
524Kb / 3P
C-Class Non-Isolated POWER
logo
New Jersey Semi-Conduct...
BLU20 NJSEMI-BLU20 Datasheet
49Kb / 1P
Designed for Class C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com