Electronic Components Datasheet Search
  English  ▼

X  

C15749 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C15749
Description  Clear sublens for LENINA reflectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15749 Datasheet(HTML) 1 Page - Ledil, Inc.

  C15749 Datasheet HTML 1Page - Ledil, Inc. C15749 Datasheet HTML 2Page - Ledil, Inc. C15749 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C15749_LENINA-CL
LENINA-CL
Clear sublens for LENINA reflectors
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 73.98 mm
Height
2.8 mm
Fastening
clips
Colour
clear
Box size
Box weight
6.5 kg
Quantity in Box
360 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LENINA-CL
Sublens
PC
clear
Last update: 24/05/2018
Subject to change without prior notice
1/3
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C15749

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C15743 LEDIL-C15743 Datasheet
341Kb / 1P
Up to 30mm class M, otherwise class C.
More results

Similar Description - C15749

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11996 LEDIL-C11996 Datasheet
4Mb / 3P
Diffusing sublens for LENA reflectors
C12229 LEDIL-C12229 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C12606 LEDIL-C12606 Datasheet
3Mb / 3P
Diffusing sublens for LENINA reflectors
C14169 LEDIL-C14169 Datasheet
2Mb / 3P
Clear sublens for LENA reflectors.
C12479 LEDIL-C12479 Datasheet
1Mb / 3P
Diffusing sublens for MIRELLA reflectors.
C13333 LEDIL-C13333 Datasheet
1Mb / 3P
Clear sublens for MIRELLA reflectors
C17094 LEDIL-C17094 Datasheet
1Mb / 3P
Clear sublens for 횠50 mm ALISE and ELISE reflectors.
C17095 LEDIL-C17095 Datasheet
1Mb / 3P
Clear sublens for 횠70 mm ALISE and ELISE reflectors
C17096 LEDIL-C17096 Datasheet
1Mb / 3P
Clear sublens for 횠110 mm ALISE and ELISE reflectors
F15176 LEDIL-F15176 Datasheet
1Mb / 3P
Clear protective sublens for symmetrical ANGELETTE reflectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com