Electronic Components Datasheet Search
  English  ▼

X  

PT5502 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT5502
Description  3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5502 Datasheet(HTML) 2 Page - Texas Instruments

  PT5502 Datasheet HTML 1Page - Texas Instruments PT5502 Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT5500 Series
3-A 5-V/3.3-V Input Adjustable
Integrated Switching Regulator
Specifications (Unless otherwise stated, Ta =25°C, Vin =5V, Cout =100µF, and Io =Iomax)
PT5500 SERIES
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
0.1 (1)
—
3.0
A
Input Voltage Range
Vin
Over Io range
Vo =3.3V4.5
—
5.5
V
Vo≤2.5V3.1
5.5
Set-Point Voltage Tolerance
Vo tol
—
—
±2
%Vo
Temperature Variation
∆Regtemp
–40°C <Ta < +85°C
—
±0.5
—
%Vo
Line Regulation
∆Regline
Over Vin range
—
—
±6
mV
Load Regulation
∆Regload
Over Io range
—
—
±10
mV
Total Output Variation
∆Regtot
Includes set-point, line, load,
——±3
%Vo
–40°C
≤ Ta ≤ +85°C
Efficiency
η
PT5501
—
90
—
PT5502
—
87
—
PT5503
—
85
—
PT5504
—
83
—
%
PT5505
—
81
—
PT5506
—
79
—
PT5507
—
76
—
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
—
25
45
mV
Transient Response
ttr
1A/µs load step from 50% to 100% Iomax
—
50
—
µSec
∆Vtr
Vo over/undershoot
—
50
100
mV
Current Limit
Ilim
—5
—A
Switching Frequency
ƒo
Over Vin and Io ranges
—
350 (2)
—
kHz
Inhibit Control (pin1)
Input High Voltage
VIH
Referenced to GND (pin3)
Vin –0.5
—
Open (3)
V
Input Low Voltage
VIL
–0.2
—
0.5
Input Low Current
IIL
Pin 1 to GND
—
–0.5
—
mA
External Capacitance
Cout
100 (4)
——µF
Absolute Maximum
Ta
Over Vin range
–40 (5)
—+85 (6)
°C
Operating Temperature Range
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3 , 1 msec,
—
500
—
G’s
Half Sine, mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
20-2000 Hz, Soldered in a PC board
—
15 (7)
—G’s
Weight
—
—
—
6.5
—
grams
Flammability
—
Materials meet UL 94V-0
Notes: (1) The ISR will operate down to no load with reduced specifications.
(2) This is a typical value only. The switching frequency will vary with input voltage.
(3) The Inhibit control (pin 1) has an internal pull-up, and if left open-circuit the module will operate when input power is applied. A small low-leakage
(<100nA) MOSFET is recommended to control this input. Ensure an On/Off transition time of
≤10µs. See application notes for more information.
(4) The PT5500 Series requires a 100µF electrolytic or tantalum output capacitor for proper operation in all applications.
(5) For operation below 0°C, the output capacitor C2 must have stable characteristics. Use either a low ESR tantalum or Oscon® capacitor.
(6) See SOA curves or consult factory for the appropriate derating.
(7) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com