Electronic Components Datasheet Search
  English  ▼

X  

FT7511 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FT7511
Description  Reset Timer with Fixed Delay and Reset Pulse
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FT7511 Datasheet(HTML) 4 Page - ON Semiconductor

  FT7511 Datasheet HTML 1Page - ON Semiconductor FT7511 Datasheet HTML 2Page - ON Semiconductor FT7511 Datasheet HTML 3Page - ON Semiconductor FT7511 Datasheet HTML 4Page - ON Semiconductor FT7511 Datasheet HTML 5Page - ON Semiconductor FT7511 Datasheet HTML 6Page - ON Semiconductor FT7511 Datasheet HTML 7Page - ON Semiconductor FT7511 Datasheet HTML 8Page - ON Semiconductor FT7511 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT7511 • Rev. 1.0.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Condition
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage
/SR0, DSR
-0.5
7.0
V
VOUT
Output Voltage
(2)
/RST1
-0.5
7.0
V
IIK
DC Input Diode Current
VIN < 0V
-50
mA
IOK
DC Output Diode Current
VOUT < 0V
-50
mA
IOL
DC Output Sink Current
+50
mA
ICC
DC VCC or Ground Current per Supply Pin
100
mA
TSTG
Storage Temperature Range
-65
+150
C
TJ
Junction Temperature Under Bias
+150
C
TL
Junction Lead Temperature, Soldering 10 Seconds
+260
C
PD
Power Dissipation
5
mW
ESD
Electrostatic Discharge Capability
Human Body Model, JESD22-A114
4
kV
Charged Device Model, JESD22-C101
2
Note:
2.
All output current Absolute Maximum Ratings must be observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Condition
Min.
Max.
Unit
VCC
Supply Voltage
(3)
-40
C to +85C
1.8
5.0
V
-25
C to +85C
1.7
5.0
0
C to +85C
1.65
5.00
tRFC
VCC Recovery Time After Power Down
VCC=0V After Power Down, Rising to
0.5V
5
ms
VIN
Input Voltage
(3)
/SR0
0
5
V
VOUT
Output Voltage
/RST1
0
5
V
IOL
DC Output Sink Current
/RST1, VCC=1.8V to 5.0V
+0.5
mA
TA
Free-Air Operating Temperature
-40
+85
C
JA
Thermal Resistance
350
°C/W
Note:
3.
VCC should never be allowed to float while input pins are driven.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com