Electronic Components Datasheet Search
  English  ▼

X  

FT8010 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FT8010
Description  Reset Timer with Configurable Delay Time
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FT8010 Datasheet(HTML) 4 Page - ON Semiconductor

  FT8010 Datasheet HTML 1Page - ON Semiconductor FT8010 Datasheet HTML 2Page - ON Semiconductor FT8010 Datasheet HTML 3Page - ON Semiconductor FT8010 Datasheet HTML 4Page - ON Semiconductor FT8010 Datasheet HTML 5Page - ON Semiconductor FT8010 Datasheet HTML 6Page - ON Semiconductor FT8010 Datasheet HTML 7Page - ON Semiconductor FT8010 Datasheet HTML 8Page - ON Semiconductor FT8010 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FT8010 • Rev. 1.0.8
3
Pin Configuration
Figure 2.
MLP Pin Configuration
(1)
(Top Through View)
Figure 3.
UMLP Pin Configuration
(2)
(Top Through View)
Note:
1.
The DAP may be a no connect or it may be tied to ground.
2.
NC = No connect
Pin Definitions
MLP Pin #
UMLP Pin #
Name
Description
1
10
RST2
Push-Pull Output, Active HIGH
2
1
GND
Ground
3
2
/SR1
Secondary Reset Input, Active LOW
4
3
/RST1
Open-Drain Output, Active LOW
5
5
DSR
Delay Selection Input (Must be tied directly to GND or VCC; do not
use pull-up or pull-down resistors.)
6
6
TRIG
Test Pin, Tied to GND in Normal Use
7
7
/SR0
Primary Reset Input, Active LOW
8
8
VCC
Power Supply
4, 9,
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com