Electronic Components Datasheet Search
  English  ▼

X  

KA431 Datasheet(PDF) 10 Page - ON Semiconductor

Part # KA431
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA431 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button KA431 Datasheet HTML 3Page - ON Semiconductor KA431 Datasheet HTML 4Page - ON Semiconductor KA431 Datasheet HTML 5Page - ON Semiconductor KA431 Datasheet HTML 6Page - ON Semiconductor KA431 Datasheet HTML 7Page - ON Semiconductor KA431 Datasheet HTML 8Page - ON Semiconductor KA431 Datasheet HTML 9Page - ON Semiconductor KA431 Datasheet HTML 10Page - ON Semiconductor KA431 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Physical Dimensions (Continued)
Figure 19. 8-Lead, SOIC, JEDEC MS 0-12, 0.150 inch Narrow Body
Package drawings are provided as a service to customers considering
ON Semiconductor components. Drawings may change in
any manner without notice. Please note the revision and/or date on the drawing and contact a
ON Semiconductor representative to
verify or obtain the most recent revision. Package specifications do not expand the terms of
ON Semiconductor’s worldwide terms and
conditions, specifically the warranty therein, which covers
ON Semiconductor products.
8°
0°
SEE DETAIL A
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AA.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
D) LANDPATTERN STANDARD: SOIC127P600X175-8M.
E) DRAWING FILENAME: M08Arev14
F) FAIRCHILD SEMICONDUCTOR.
LAND PATTERN RECOMMENDATION
SEATING PLANE
C
GAGE PLANE
x 45°
DETAIL A
SCALE: 2:1
PIN ONE
INDICATOR
4
8
1
B
5
A
5.60
0.65
1.75
1.27
6.20
5.80
3.81
4.00
3.80
5.00
4.80
(0.33)
1.27
0.51
0.33
0.25
0.10
1.75 MAX
0.25
0.19
0.36
0.50
0.25
R0.10
R0.10
0.90
0.40
(1.04)
OPTION A - BEVEL EDGE
OPTION B - NO BEVEL EDGE
0.25
C B A
0.10
8-SOIC
www.onsemi.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com