Electronic Components Datasheet Search
  English  ▼

X  

KA431S Datasheet(PDF) 7 Page - ON Semiconductor

Part # KA431S
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA431S Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KA431S Datasheet HTML 3Page - ON Semiconductor KA431S Datasheet HTML 4Page - ON Semiconductor KA431S Datasheet HTML 5Page - ON Semiconductor KA431S Datasheet HTML 6Page - ON Semiconductor KA431S Datasheet HTML 7Page - ON Semiconductor KA431S Datasheet HTML 8Page - ON Semiconductor KA431S Datasheet HTML 9Page - ON Semiconductor KA431S Datasheet HTML 10Page - ON Semiconductor KA431S Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA431S / KA431SA / KA431SL Rev. 6.7
6
Typical Performance Characteristics
Figure 11. Cathode Current vs. Cathode Voltage
Figure 12. Cathode Current vs. Cathode Voltage
Figure 13. OFF-State Cathode Current vs.
Ambient Temperature
Figure 14. Reference Input Current vs.
Ambient Temperature
Figure 15. Frequency vs. Small Signal Voltage
Amplification
Figure 16. Pulse Response
-2
-1
0
1
2
3
-100
-50
0
50
100
150
V
KA = VREF
T
A = 25
oC
V
KA, Cathode Voltage (V)
VKA - Cathode Voltage (V)
-1
01
23
-200
0
200
400
600
800
I
KA(MIN)
V
KA = VREF
T
A = 25
oC
V
KA, CATHODE
VOLTAGE (V)
VKA - Cathode Voltage (V)
-50
-25
0
25
50
75
100
125
150
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
T
A
, Ambient Temperature (
o
C)
TA - Ambient Temperature (
oC)
-50
-25
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
A, Ambient Temperature (
oC)
TA - Ambient Temperature (
oC)
1k
10k
100k
1M
10M
-10
0
10
20
30
40
50
60
T
A = 25
oC
I
KA = 10mA
Frequency (Hz)
Frequency (Hz)
04
8
12
16
20
0
1
2
3
4
5
6
T
A=25
oC
OUTPUT
INPUT
Time (us)
Time (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com