Electronic Components Datasheet Search
  English  ▼

X  

RC2200MM Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RC2200MM
Description  ZigBee Ready RF Transceiver Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC2200MM Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RC2200MM Datasheet HTML 9Page - List of Unclassifed Manufacturers RC2200MM Datasheet HTML 10Page - List of Unclassifed Manufacturers RC2200MM Datasheet HTML 11Page - List of Unclassifed Manufacturers RC2200MM Datasheet HTML 12Page - List of Unclassifed Manufacturers RC2200MM Datasheet HTML 13Page - List of Unclassifed Manufacturers RC2200MM Datasheet HTML 14Page - List of Unclassifed Manufacturers RC2200MM Datasheet HTML 15Page - List of Unclassifed Manufacturers RC2200MM Datasheet HTML 16Page - List of Unclassifed Manufacturers RC2200MM Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
RC220x
©2005 Radiocrafts AS
RC220x Data Sheet (rev. 1.0)
Page 13 of 17
PCB Layout Recommendations
The recommended layout pads for the module are shown in the figure below (top view, pin 1
is in upper left corner, see pin assignment at page 4). All dimensions are in thousands of an
inch (mil). The circle in upper left corner is an orientation mark only, and should not be a part
of the copper pattern.
The area underneath the module should be covered with solder resist in order to prevent
short circuiting the test pads on the back side of the module. A solid ground plane is
preferred. Unconnected pins should be soldered to the pads, and the pads should be left
floating. For the module version with integrated antenna or MMCX connector, the RF pad (pin
31) can be soldered, but the pad should not be connected further. The two ground pads (pin
30 and 32 on the right side) should be grounded for all variants.
Mechanical Drawing
Mechanical Dimensions
The module size is 0.65” x 1.15” x 0.14” (16.5 x 29.2 x 3.5 mm) without the antenna / MMCX
connector. The length is 1.4” (35.6 mm) with the optional antenna / MMCX RF connector.
Carrier Tape and Reel Specification
Carrier tape and reel is in accordance with EIA Specification 481.
Tape width Component
pitch
Hole pitch
Reel
diameter
Units per
reel
56 mm
20 mm
4 mm
13”
Max 800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com