Electronic Components Datasheet Search
  English  ▼

X  

RC2204AT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RC2204AT
Description  ZigBee Ready RF Transceiver Modules
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RC2204AT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RC2204AT Datasheet HTML 1Page - List of Unclassifed Manufacturers RC2204AT Datasheet HTML 2Page - List of Unclassifed Manufacturers RC2204AT Datasheet HTML 3Page - List of Unclassifed Manufacturers RC2204AT Datasheet HTML 4Page - List of Unclassifed Manufacturers RC2204AT Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2204AT Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2204AT Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2204AT Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2204AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RC220x
©2005 Radiocrafts AS
RC220x Data Sheet (rev. 1.0)
Page 2 of 17
Quick Product Introduction
The RC220x series of modules are specially designed to meet the IEEE 802.15.4 standard
used by ZigBee and a variety of proprietary network protocols. Using the module together
with the Chipcon / Figure 8 Wireless Z-stack or any other ZigBee network implementation
makes it a powerful platform to build any ZigBee profile and application. The module contains
qualified RF hardware and enough processor power to run the complete ZigBee mesh
network protocol for a full function device including the application.
Using a pre-qualified module is the fastest way to make a ZigBee product and shortest time to
market. Because it contains all the RF HW and MCU resources you need in a 100% RF
tested and pre-qualified module shorten the qualification and approval process. No RF design
or expertise is required to add powerful wireless networking to the product. As an option you
can even get the module with integrated antenna or coaxial MMCX connector. In the simplest
case like a home light remote control you only need an external battery and a pushbutton.
You may find more general information on how to build a ZigBee application Radiocrafts
application note AN003.
Typical Application Circuit
Below is shown a Serial Port application circuit. The JTAG and ISP are also shown.
Full resolution schematic is found in RC2200_Application_Circuit_SPP_1_0.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com