Electronic Components Datasheet Search
  English  ▼

X  

SC68C752BIBS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC68C752BIBS
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752BIBS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC68C752BIBS Datasheet HTML 3Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 4Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 5Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 6Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 7Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 8Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 9Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 10Page - NXP Semiconductors SC68C752BIBS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
7 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
VCC
19, 42
26
I
Power supply input.
XTAL1
13
10
I
Crystal or external clock input. Functions as a crystal input or as an
external clock input. A crystal can be connected between XTAL1 and
XTAL2 to form an internal oscillator circuit (see Figure 13). Alternatively,
an external clock can be connected to this pin to provide custom data
rates.
XTAL2
14
11
O
Output of the crystal oscillator or buffered clock. (See also XTAL1.)
XTAL2 is used as a crystal oscillator output or a buffered clock output.
Table 2:
Pin description …continued
Symbol
Pin
Type
Description
LQFP48
HVQFN32
Table 3:
Channel selection using CS pin
CS
A3
UART channel
1
-
none
0
0
Channel A
0
1
Channel B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com