Electronic Components Datasheet Search
  English  ▼

X  

SCAN182245ESSMX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245ESSMX
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245ESSMX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button SCAN182245ESSMX Datasheet HTML 10Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 11Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 12Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 13Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 14Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 15Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 16Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 17Page - National Semiconductor (TI) SCAN182245ESSMX Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AC Electrical Characteristics Scan Test Operation
Symbol
Parameter
VCC
(V)
Military
Commercial
Units
TA eb55 Cto a125 CTA eb40 Cto a85 C
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Typ
Max
tPLH
Propagation Delay
50
29
61
102
ns
tPHL
TCK to TDO
42
77
121
tPLZ
Disable Time
50
21
59
107
ns
tPHZ
TCK to TDO
33
74
125
tPZL
Enable Time
50
46
87
137
ns
tPZH
TCK to TDO
28
68
115
tPLH
Propagation Delay
28
63
107
ns
tPHL
TCK to Data Out
50
45
82
130
during Update-DR State
tPLH
Propagation Delay
33
72
122
ns
tPHL
TCK to Data Out
50
50
93
148
during Update-IR State
tPLH
Propagation Delay
37
84
140
ns
tPHL
TCK to Data Out
50
57
108
172
during Test Logic
Reset State
tPLZ
Disable Time
28
76
139
ns
tPHZ
TCK to Data Out
50
35
84
145
during Update-DR State
tPLZ
Disable Time
36
87
151
ns
tPHZ
TCK to Data Out
50
38
92
159
during Update-IR State
tPLZ
Disable Time
40
98
171
ns
tPHZ
TCK to Data Out
50
42
99
166
during Test Logic
Reset State
tPZL
Enable Time
44
93
155
ns
tPZH
TCK to Data Out
50
30
75
133
during Update-DR State
tPZL
Enable Time
52
107
174
ns
tPZH
TCK to Data Out
50
39
90
154
during Update-IR State
tPZL
Enable Time
57
120
198
ns
tPZH
TCK to Data Out
50
30
102
176
during Test Logic
Reset State
Voltage Range 50V g05V
All Propagation Delays involving TCK are measured from the falling edge of TCK
http
www nationalcom
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com