Electronic Components Datasheet Search
  English  ▼

X  

FAN156 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN156
Description  Low Voltage Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN156 Datasheet(HTML) 3 Page - ON Semiconductor

  FAN156 Datasheet HTML 1Page - ON Semiconductor FAN156 Datasheet HTML 2Page - ON Semiconductor FAN156 Datasheet HTML 3Page - ON Semiconductor FAN156 Datasheet HTML 4Page - ON Semiconductor FAN156 Datasheet HTML 5Page - ON Semiconductor FAN156 Datasheet HTML 6Page - ON Semiconductor FAN156 Datasheet HTML 7Page - ON Semiconductor FAN156 Datasheet HTML 8Page - ON Semiconductor FAN156 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.onsemi.com
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Condition
Min.
Max.
Unit
VDD to VSS Supply Voltage
-3.0
+3.0
V
0
6.0
DVIN
Differential Input Voltage
±6
VIN
Input Voltage
VSS to VDD
V
ts
Output Short Circuit Duration
(1)
Indefinite
s
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
PD
Pow er Dissipation
194
mW
ΘJA
Thermal Resistance
335
°C/W
ESD
IEC 61000-4-2 System ESD
Air Gap
15
kV
Contact
8
JEDEC JESD22-A114, Human Body
Model
All Pins
8
Pin to Pin: IN(-), IN(+)
to VDD or VSS
12
JEDEC JESD22-C101, Charged
Device Model
All Pins
2
Note:
1.
The maximum total pow er dissipation must not be exceeded.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. ON Semiconductor
does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Condition
Min.
Max.
Unit
VDD to VSS
Pow er Supply
-2.75
+2.75
V
0
5.50
VDD
Pow er Supply
VSS 0 V
1.6
5.5
V
VIN
Input Voltage
VSS to VDD
V
IOH/IOL
Output Sink/Source Current
VDD 5.0 V
5
mA
VDD 3.0 V
3
VDD 1.6 V
1
TA
Operating Temperature, Free Air
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com