Electronic Components Datasheet Search
  English  ▼

X  

FAN256 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN256
Description  Dual Low Voltage Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN256 Datasheet(HTML) 4 Page - ON Semiconductor

  FAN256 Datasheet HTML 1Page - ON Semiconductor FAN256 Datasheet HTML 2Page - ON Semiconductor FAN256 Datasheet HTML 3Page - ON Semiconductor FAN256 Datasheet HTML 4Page - ON Semiconductor FAN256 Datasheet HTML 5Page - ON Semiconductor FAN256 Datasheet HTML 6Page - ON Semiconductor FAN256 Datasheet HTML 7Page - ON Semiconductor FAN256 Datasheet HTML 8Page - ON Semiconductor FAN256 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.onsemi.com
4
Electrical Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD=5.5V, VSS=GND, and TA=+25°C
VHYS
Input Hysteresis
VCM=0.5VDD
4
mV
VIO
Input Offset Voltage
(2)
VCM=0.5VDD
-15
±1
+15
mV
IIO
Input Offset Current
10
pA
II
Input Bias Current
10
pA
VCM
Common Mode Input Voltage
VSS
VDD
V
CMRR
Common Mode Rejection Ratio
(3)
VCM=VDD
68
dB
IDD
Supply Current - Per Comparator
7
17
µA
PSRR
Pow er Supply Rejection Ratio
(3)
ΔVDD=0.5V
45
80
dB
IOS
Output Short Circuit Current
VO=VDD
60
mA
VO=VSS
90
VOL
Low -Level Output Voltage
ISINK=5.0mA
0.1
0.3
V
VOH
High-Level Output Voltage
ISOURCE=5.0mA
5.2
5.4
V
tPLH
Propagation Delay (Turn-On)
Overdrive=20mV,
CL=15pF
0.40
µs
tPHL
Propagation Delay (Turn-Off)
Overdrive=20mV,
CL=15pF
0.42
µs
tTLH
Response Time, Output Rise/Fall
(4)
CL=50pF
4.0
ns
tTHL
5.4
VDD=3V, VSS=GND, and TA=+25°C
VHYS
Input Hysteresis
VCM=0.5VDD
4
mV
VIO
Input Offset Voltage
(2)
VCM=0.5VDD
-15
±1
+15
mV
IIO
Input Offset Current
10
pA
II
Input Bias Current
10
pA
VCM
Common Mode Input Voltage
VSS
VDD
V
CMRR
Common Mode Rejection Ratio
(3)
VCM=VDD
60
dB
IDD
Supply Current(x) Per Comparator
6
15
µA
PSRR
Pow er Supply Rejection Ratio
(3)
ΔVDD=0.5V
45
70
dB
IOS
Output Short Circuit Current
VO=VDD
27
mA
VO=VSS
35
VOL
Low -Level Output Voltage
ISINK=3.0mA
0.15
0.35
V
VOH
High-Level Output Voltage
ISOURCE=3.0mA
2.65
2.85
V
tPLH
Propagation Delay (Turn-On)
Overdrive=20mV,
CL=15pF
0.45
µs
tPHL
Propagation Delay (Turn-Off)
Overdrive=20mV,
CL=15pF
0.47
µs
tTLH
Response Time, Output Rise/Fall
(4)
CL=50pF
6.1
ns
tTHL
6.2
Continued on the following page…



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com