Electronic Components Datasheet Search
  English  ▼

X  

KA33V Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA33V
Description  Voltage Stabilizer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA33V Datasheet(HTML) 2 Page - ON Semiconductor

  KA33V Datasheet HTML 1Page - ON Semiconductor KA33V Datasheet HTML 2Page - ON Semiconductor KA33V Datasheet HTML 3Page - ON Semiconductor KA33V Datasheet HTML 4Page - ON Semiconductor KA33V Datasheet HTML 5Page - ON Semiconductor KA33V Datasheet HTML 6Page - ON Semiconductor KA33V Datasheet HTML 7Page - ON Semiconductor KA33V Datasheet HTML 8Page - ON Semiconductor KA33V Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA33V Rev. 1.1.0
1
July 2013
KA33V
Voltage Stabilizer
Features
• Low Temperature Coefficient
• Low Dynamic Resistance
• Typical Reference Voltage 33 V
Ordering Information
Block Diagram
Figure 1. Block Diagram
Product Number
Operating
Temperature
Range
Top Mark
Package
Packing Method
KA33VBU
-20 to +75°C
KA33V
TO-92 2L
Bulk
KA33VTA
Ammo
R4
D1
D2
D3
D4
D5
Q3
Q2
R3
R2
R1
2 C ath ode
1 A n ode
●
●
●
●
●
●
Description
The KA33V is a monolithic integrated voltage stabilizer
designed as voltage supplier for electronic tuners.
TO-92
1. Anode 2. Cathode
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com