Electronic Components Datasheet Search
  English  ▼

X  

KA339 Datasheet(PDF) 4 Page - ON Semiconductor

Part # KA339
Description  Quad Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA339 Datasheet(HTML) 4 Page - ON Semiconductor

  KA339 Datasheet HTML 1Page - ON Semiconductor KA339 Datasheet HTML 2Page - ON Semiconductor KA339 Datasheet HTML 3Page - ON Semiconductor KA339 Datasheet HTML 4Page - ON Semiconductor KA339 Datasheet HTML 5Page - ON Semiconductor KA339 Datasheet HTML 6Page - ON Semiconductor KA339 Datasheet HTML 7Page - ON Semiconductor KA339 Datasheet HTML 8Page - ON Semiconductor KA339 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KA339/KA339A, KA2901
3
Electrical Characteristics
(VCC = 5V, TA = 25°C, unless otherwise specified)
Note:
1. KA339 / KA339A: 0
≤ TA ≤ +70°C
KA2901: -40
≤ TA ≤ +85°C
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
KA339A
KA339
Unit
Min. Typ.
Max.
Min. Typ.
Max.
Input Offset Voltage
VIO
VO(P) = 1.4V, RS = 0Ω
-1
2
-
1.4
5
mV
Note1
-
-
4.0
-
-
9.0
Input Offset Current
IIO
IIN(+) - IIN(-), VCM = 0V
-
2.3
50
-
2.3
50
nA
Note1
-
-
150
-
-
150
Input Bias Current
IBIAS
VCM = 0V
-
57
250
-
57
250
nA
Note1
-
-
400
-
-
400
Input Common Mode
Voltage Range
VI(R)
VCC = 30V
0
-
VCC-1.5
0
-
VCC-1.5
V
Note1
0
-
VCC-2
0
-
VCC-2
Supply Current
ICC
VCC = 5V, RL = ∞
-1.1
2.0
-
1.1
2.0
mA
Voltage Gain
GV
VCC = 15V, RL ≥ 15kΩ
(for large swing)
50
200
-
50
200
-
V/mV
Large Signal
Response Time
TLRES
VI = TTL Logic Swing
VREF = 1.4V, VRL = 5V,
RL = 5.1kΩ (Note2)
-
300
-
-
300
-
ns
Response Time
TRES
VRL = 5V, RL = 5.1kΩ
(Note2)
-1.3
-
-
1.3
-
μs
Output Sink Current
ISINK
VI(-) ≥ 1V, VI(+) = 0V,
VO(P) ≤ 1.5V
618
-
6
18
-
mA
Output Saturation
Voltage
VSAT
VI(-) ≥ 1V, VI(+) = 0V
-
140
400
-
140
400
mV
ISINK = 4mA
Note1
-
-
700
-
-
700
Output Leakage
Current
Io(LKG)
VI(-) = 0V
VI(+) = 1V
VO(P) = 5V
-
0.1
-
-
0.1
-
nA
VO(P) =30V
-
-
1.0
-
-
1.0
μA
Differential Voltage
VI(DIFF)
Note1
-
-
36
-
-
36
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com