Electronic Components Datasheet Search
  English  ▼

X  

KA339D Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA339D
Description  Quad Comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA339D Datasheet(HTML) 2 Page - ON Semiconductor

  KA339D Datasheet HTML 1Page - ON Semiconductor KA339D Datasheet HTML 2Page - ON Semiconductor KA339D Datasheet HTML 3Page - ON Semiconductor KA339D Datasheet HTML 4Page - ON Semiconductor KA339D Datasheet HTML 5Page - ON Semiconductor KA339D Datasheet HTML 6Page - ON Semiconductor KA339D Datasheet HTML 7Page - ON Semiconductor KA339D Datasheet HTML 8Page - ON Semiconductor KA339D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.5
Features
•
Single or DualSupply Operation
•
Wide Range of Supply Voltage
KA339/KA339A, KA2901 : 2 ~ 36V (or
±1 ~ ±18V)
•
Low Supply Current Drain 800
μA Typ.
•
Open Collector Outputs for Wired and Connectors
•
Low Input Bias Current 25nA Typ.
•
Low Input Offset Current
±2.3nA Typ.
•
Low Input Offset Voltage
±1.4mV Typ.
•
Input Common Mode Voltage Range Includes Ground.
•
Low Output Saturation Voltage
•
Output Compatible With TTL, DTL and MOS Logic
System
Description
The KA339/KA339A, KA2901 consist of four independent
voltage comparators designed to operate from single power
supply over a wide voltage range.
14-SOP
14-DIP
1
1
Internal Block Diagram
14
1
13
12
11
10
9
8
2
3
4
5
6
7
-
+
-
-
+
+
+
-
OUT3
OUT4
IN4(+)
GND
IN4(-)
IN3(+)
IN3(-)
OUT2
OUT1
IN1(+)
IN1(-)
IN2(-)
IN2(+)
VCC
K A3 3 9 /K A3 3 9 A, K A2 9 0 1
Qua d Com pa ra t or



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com