Electronic Components Datasheet Search
  English  ▼

X  

2SD2136 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD2136
Description  Silicon PNP epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2136 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2136 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2136 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2136 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
Publication date: March 2003
SJD00071BED
2SB1416
Silicon PNP epitaxial planar type
For low-frequency power amplification
Complementary to 2SD2136
■ Features
• High forward current transfer ratio h
FE which has satisfactory
linearity
• Low collector-emitter saturation voltage V
CE(sat)
• Allowing automatic insertion with radial taping
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
1: Emitter
2: Collector
3: Base
MT-3-A1 Package
7.5±0.2
0.65±0.1
0.7±0.1
1.15±0.2
2.5±0.2
2.5±0.2
0.85±0.1
1.0±0.1
0.7±0.1
1.15±0.2
0.5±0.1
1
0.8 C
23
0.4±0.1
4.5±0.2
0.8 C
0.8 C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−60
V
Collector-emitter voltage (Base open)
VCEO
−60
V
Emitter-base voltage (Collector open)
VEBO
−5V
Collector current
IC
−3A
Peak collector current
ICP
−5A
Collector power dissipation
PC
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Rank
P
Q
R
hFE1
40 to 90
70 to 150
120 to 250
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC = −30 mA, IB = 0
−60
V
Base-emitter voltage
VBE
VCE
= −4 V, I
C
= −3 A
−1.8
V
Collector-emitter cutoff current (E-B short)
ICES
VCE = −60 V, VBE = 0
−200
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −30 V, IB = 0
−300
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= −5 V, I
C
= 0
−1mA
Forward current transfer ratio
hFE1 *
VCE = −4 V, IC = −1 A
40
250
hFE2
VCE = −4 V, IC = −3 A
10
Collector-emitter saturation voltage
VCE(sat)
IC
= −3 A, I
B
= − 0.375A
−1.2
V
Transition frequency
fT
VCB = −5 V, IE = 0.1 A, f = 200 MHz
270
MHz
Turn-on time
ton
IC = −1 A, IB1 = − 0.1 A, IB2 = 0.1 A
0.5
µs
Storage time
tstg
1.2
µs
Fall time
tf
0.3
µs


Similar Part No. - 2SD2136

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2136 PANASONIC-2SD2136 Datasheet
86Kb / 3P
Silicon NPN triple diffusion planar type
logo
Unisonic Technologies
2SD2136 UTC-2SD2136 Datasheet
114Kb / 3P
POWER TRANSISTOR
2SD2136 UTC-2SD2136 Datasheet
168Kb / 4P
POWER TRANSISTOR
2SD2136 UTC-2SD2136 Datasheet
169Kb / 4P
POWER TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
2SD2136 WINNERJOIN-2SD2136 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SD2136

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
XP04113 PANASONIC-XP04113 Datasheet
86Kb / 3P
Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB928A KEXIN-2SB928A Datasheet
40Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1589 KEXIN-2SB1589 Datasheet
49Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
Silicon PNP Epitaxial Planar Type
2SA1022 KEXIN-2SA1022 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB967 KEXIN-2SB967 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com