Electronic Components Datasheet Search
  English  ▼

X  

KT5032 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KT5032
Description  Temperature Compensated Crystal Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KT5032 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KT5032 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5.0×3.2mm
Features
• High stability and high reliability
• 2.3 to 3.63V drive available
• Clipped sine wave or CMOS level
output
• Low phase noise
Applications
• 5G, Smallcell, Stratum3
• SONET/ SDH/ Ethernet
How to Order
KT5032F 20000
□ A □ 33 T xx
①
②
③ ④ ⑤⑥⑦⑧
① Series
③ Frequency Tolerance
⑤Upper Operating Temp.
③④⑤
KAW
±0.28×10
−6
−40°C
+85°C
KAY
±0.28×10
−6
−40°C
+105°C
AAY
±0.10×10
−6
−40°C
+105°C
⑥ Supply Voltage
33
3.3V
② Output Frequency
④ Lower Operating Temp.
⑦ Voltage Control Function
T
TCXO
Spec. Code*
VCTCXO
*Please contact us for Spec. Code.
⑧ Individual Speci cation
  Packaging (Tape & Reel 1000 pcs./ reel)
RoHS Compliant
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency Range
fo
Standard Frequency: 10, 19.2, 20, 24.576, 26, 30.72, 38.88, 40
10
40
MHz
Frequency Tolerance
f_tol
vs Temperature (
−10 to +105°C) [±(fmax-fmin)/ 2fo]
−0.1
+0.1
×10
−6
vs Temperature (
−40 to +85°C/ +105°C) [±(fmax-fmin)/ 2fo]
−0.28
+0.28
vs Voltage
−0.1
+0.1
Supply Voltage
VCC
+2.3
+3.63
V
Current Consumption
ICC
CMOS Output
—
6
mA
Frequency Aging
f_age
20years aging @40
°C Including temp characteristics, initial
tolerance, rated power supply voltage change and load change.
−4.6
+4.6
×10
−6
Voltage Control Range
f_cont
Positive *100k ohm min
±5
±20
×10
−6
Output Level
Vpp
Clipped Sine*, Load: 10k ohm // 10pF
0.8
—
Vp-p
Low Level Output Voltage
VOL
CMOS, Load: 15pF IOL=4mA
—
10% VCC
V
High Level Output Voltage
VOH
CMOS, Load: 15pF IOH=
−4mA
90% VCC
—V
Rise / Fall Time
(10%Vcc to 90%Vcc)
tr/ tf
CMOS, Load: 15pF
—
8
ns
Symmetry
SYM
50% Vcc
45
55
%
Phase Noise
—
@20MHz
@10Hz offset
—
−90
dBc/ Hz
@100Hz offset
—
−120
@1kHz offset
—
−140
@10kHz offset
—
−150
@100kHz offset
—
−150
* : A DC-cut capacitor is not embedded in this crystal oscillator. In case of clipped sine output, connect a DC-cut capacitor (≥1nF) to the line-out terminal of the oscillator.
* Please contact us for other specifications.
Dimensions
(Unit: mm)
Pin Conguration
#1pin
Voltage Control (VCTCXO), GND (TCXO)
#2pin
Do not connect
#3pin
Do not connect
#4pin
GND
#5pin
GND
#6pin
Output
#7pin
Vclter/ N/ C
#8pin
Do not connect
#9pin
Vcc
#10pin GND
5.0 0.2
4 0.6
1.2
#1
#2
#3
#4
#1
#2
#3
#4
#5
#10
#5
#10
#9
#8
#7
#6
#9
#8
#7
#6
4 0.65
0.1
Marking Area
Recommended Land Pattern
(Unit: mm)
4.5
#6
#4
#1
#9
1.0
0.01 F
0.01 F
To GND
if output is Clipped Sine.
Type A (without Filter)
Top view
Note: A capacitor of value
0.01 F between VCC and
GND is recommended.
0.7
4.5
#6
#4
#1
#9
#8
#7
#5
#10
#3
#2
1.0
1.2
0.01 F
0.01 F
To GND
To GND
if output is Clipped Sine.
Option
VC_Filter Cap.
Type
B (with Filter)
Temperature Compensated Crystal Oscillators (TCXO, VCTCXO)
Surface Mount Type TCXO (LSI Type) KT5032 Series for Smallcell/ Stratum3
As of March 2018


Similar Part No. - KT5032

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032 Datasheet
129Kb / 1P
5.0횞3.2mm
KT5032 KSS-KT5032_12 Datasheet
177Kb / 1P
High stability and high reliability 2.7 to 5.5V drive available
More results

Similar Description - KT5032

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
Temperature Compensated Crystal Oscillators
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
Temperature Compensated Crystal Oscillators
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com