Electronic Components Datasheet Search
  English  ▼

X  

S2JF Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # S2JF
Description  2.0 AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

S2JF Datasheet(HTML) 1 Page - Nanjing International Group Co

  S2JF Datasheet HTML 1Page - Nanjing International Group Co S2JF Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0 AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range Tj, TSTG
S2AF
S2BF
S2DF
S2GF
S2JF
S2KF
S2MF
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2
.0
6
0
2
.0
2
0
12
-65
+175
V
A
A
V
m
m
pF
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient.
S2AF THRU S2MF
1.1
Typical Thermal Resistance RqJA (Note 2)
50
C/W
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2
.0 Ampere
Dimensions in inches and (millimeters)
FEATURES
MECHANICAL DATA
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.064 gram
*
µA
µA
*Both normal and Pb free product are available:
*Normal:80~95% Sn,5~20% Pb
*Pb free:99 Sn above can meet Roh senviroment substance
directive request
SMAF
Cathode Band
Top View
0.128(3.25)
0.144(3.65)
0.189(4.80)
0.173(4.40)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.043(1.10)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
www.dgnjdz.com


Similar Part No. - S2JF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2JF PANJIT-S2JF Datasheet
126Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Guangdong Kexin Industr...
S2JF KEXIN-S2JF Datasheet
1Mb / 3P
Rectifier Diodes
logo
Microdiode Semiconducto...
S2JF CHENDA-S2JF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2JF YFWDIODE-S2JF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S2JF JUXING-S2JF Datasheet
843Kb / 3P
Surface Mount Standard Rectifiers
More results

Similar Description - S2JF

ManufacturerPart #DatasheetDescription
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
RL201G FORMOSA-RL201G Datasheet
32Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
First Components Intern...
GFZ2A FCI-GFZ2A Datasheet
155Kb / 2P
2.0 Amp Glass Passivated Sintered Rectifiers
logo
UNIOHM CORPORATION
RL201G UNIOHM-RL201G Datasheet
66Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Goodwork Semiconductor ...
RL201G GWSEMI-RL201G Datasheet
65Kb / 2P
2.0 AMP GLASS PASSIVATED RECTIFIERS
logo
DIYI Electronic Technol...
MUR260G DYELEC-MUR260G Datasheet
1Mb / 2P
2.0 AMP Ultrafast Glass Passivated Rectifiers
S2A DYELEC-S2A Datasheet
1Mb / 2P
2.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
S2AN DYELEC-S2AN Datasheet
1Mb / 2P
2.0 AMP SURFACE MOUNT PASSIVATED RECTIFIERS
logo
First Components Intern...
RL201G FCI-RL201G Datasheet
53Kb / 2P
2.0 Amp Glass Passivated Junction Rectifiers
logo
Thinki Semiconductor Co...
ES2AA THINKISEMI-ES2AA Datasheet
404Kb / 2P
2.0 Amp Surface Mount Glass Passivated Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com