Electronic Components Datasheet Search
  English  ▼

X  

PPS-ST Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PPS-ST
Description  Stamping bit, for bore holes: 4.3 mm diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PPS-ST Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PPS-ST Datasheet HTML 1Page - PHOENIX CONTACT PPS-ST Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/1202616
07.08.2012   Page 1 / 2
Stamping bit - PPS-ST (4,3) - 1202616
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Stamping bit, for bore holes: 4.3 mm diameter
Key commercial data
Packing unit
1
Minimum order quantity
1
Catalog page
Page 257 (CL2-2011)
GTIN
Custom tariff number
82073010
Country of origin
GERMANY
Technical data
General
Color
silver
Material
Steel
Classifications
eclass
eCl@ss 4.0
21040302
eCl@ss 4.1
21040302
eCl@ss 5.0
21040302
eCl@ss 5.1
21040302
eCl@ss 6.0
21049190
eCl@ss 7.0
21049190
etim
ETIM 2.0
EC001186
ETIM 3.0
EC001186
ETIM 4.0
EC001186
unspsc
UNSPSC 6.01
23171604


Similar Part No. - PPS-ST

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PPS-ST-L PHOENIX-PPS-ST-L Datasheet
45Kb / 2P
Stamping bit, for elongated holes: 6.5 x 15 mm
PPS-ST-Q PHOENIX-PPS-ST-Q Datasheet
46Kb / 2P
Stamping bit, for elongated hole: 6.5 x 15 mm
PPS-STANDARD-I PHOENIX-PPS-STANDARD-I Datasheet
58Kb / 6P
as above, but with inch/metric measuring rail
More results

Similar Description - PPS-ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R53C ETC2-R53C Datasheet
150Kb / 1P
Socket pins for .055 Diameter Holes
logo
PHOENIX CONTACT
PPS-90-STANDARD-M PHOENIX-PPS-90-STANDARD-M Datasheet
58Kb / 5P
Profile cutter, for cutting and stamping holes in standard DIN rails
PPS-CLASSIC-M PHOENIX-PPS-CLASSIC-M Datasheet
56Kb / 5P
Profile cutter, for cutting and stamping holes in standard DIN rails
PPS-ST-L PHOENIX-PPS-ST-L Datasheet
45Kb / 2P
Stamping bit, for elongated holes: 6.5 x 15 mm
PPS-ST-Q PHOENIX-PPS-ST-Q Datasheet
46Kb / 2P
Stamping bit, for elongated hole: 6.5 x 15 mm
1202616 PHOENIX-1202616 Datasheet
50Kb / 2P
Stamping bit - PPS-ST (4,3)
1202632 PHOENIX-1202632 Datasheet
50Kb / 2P
Stamping bit - PPS-ST (6,4)
1203411 PHOENIX-1203411 Datasheet
46Kb / 2P
Stamping bit - PPS-ST (5,5X12)Q
1204889 PHOENIX-1204889 Datasheet
49Kb / 2P
Stamping bit - PPS-ST (7,0)
1204892 PHOENIX-1204892 Datasheet
49Kb / 2P
Stamping bit - PPS-ST (3,8)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com