Electronic Components Datasheet Search
  English  ▼

X  

CS81-N1112 Datasheet(PDF) 3 Page - SICK AG

Part # CS81-N1112
Description  COLOR SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CS81-N1112 Datasheet(HTML) 3 Page - SICK AG

  CS81-N1112 Datasheet HTML 1Page - SICK AG CS81-N1112 Datasheet HTML 2Page - SICK AG CS81-N1112 Datasheet HTML 3Page - SICK AG CS81-N1112 Datasheet HTML 4Page - SICK AG CS81-N1112 Datasheet HTML 5Page - SICK AG CS81-N1112 Datasheet HTML 6Page - SICK AG CS81-N1112 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CS81-N1112 | CS8
COLOR SENSORS
Response time
500 µs, 160 µs, 85 µs 5)
Switching output
NPN
Switching output (voltage)
NPN: HIGH = approx. VS / LOW ≤ 2 V
Output (channel)
1 color
Output current Imax.
< 100 mA 6)
Input, teach-in (ET)
NPN
Teach: U < 2 V
Run: U = 10 V ... < UV
Input, blanking input (AT)
NPN
Blanked: U < 2 V
Free-running: U > 10 V ... < Uv 7)
Retention time (ET)
25 ms, non-volatile memory
Time delay
Deactivation delay 20 ms, shiftable
Connection type
Male connector M12, 5-pin
Protection class
II 8)
Circuit protection
UV connections, reverse polarity protected
Output Q short-circuit protected
Interference pulse suppression
Enclosure rating
IP67
Weight
400 g
Housing material
Zinc diecast
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) Consumption count Q1 / Q2.
7) AT > 200 µs.
8) Reference voltage DC 32 V.
Ambient data
Ambient operating temperature
–10 °C ... +55 °C
Ambient storage temperature
–20 °C ... +75 °C
Shock load
According to IEC 60068
UL File No.
NRKH.E181493 & NRKH7.E181493
Classifications
ECl@ss 5.0
27270907
ECl@ss 5.1.4
27270907
ECl@ss 6.0
27270907
ECl@ss 6.2
27270907
ECl@ss 7.0
27270907
ECl@ss 8.0
27270907
ECl@ss 8.1
27270907
ECl@ss 9.0
27270907
ETIM 5.0
EC001817
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com