Electronic Components Datasheet Search
  English  ▼

X  

1018514 Datasheet(PDF) 4 Page - SICK AG

Part # 1018514
Description  COLOR SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1018514 Datasheet(HTML) 4 Page - SICK AG

  1018514 Datasheet HTML 1Page - SICK AG 1018514 Datasheet HTML 2Page - SICK AG 1018514 Datasheet HTML 3Page - SICK AG 1018514 Datasheet HTML 4Page - SICK AG 1018514 Datasheet HTML 5Page - SICK AG 1018514 Datasheet HTML 6Page - SICK AG 1018514 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CSM1-N1114 | CSM1
COLOR SENSORS
Dimensional drawing (Dimensions in mm (inch))
12
(0.47)
3 (0.12)
11
(0.43)
22
(0.87)
12.5
(0.49)
2
1
6
5
3
4
4
①  Center of optical axis, sender
②  Center of optical axis, receiver
③  LED signal strength indicator
④  Mounting hole, Ø 3 mm
⑤  Male connector M12
⑥  Teach-in button
Adjustments
3
6
③  LED signal strength indicator
⑥  Teach-in button
Connection type
4
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com