Electronic Components Datasheet Search
  English  ▼

X  

LUT3-850 Datasheet(PDF) 5 Page - SICK AG

Part # LUT3-850
Description  LUMINESCENCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LUT3-850 Datasheet(HTML) 5 Page - SICK AG

  LUT3-850 Datasheet HTML 1Page - SICK AG LUT3-850 Datasheet HTML 2Page - SICK AG LUT3-850 Datasheet HTML 3Page - SICK AG LUT3-850 Datasheet HTML 4Page - SICK AG LUT3-850 Datasheet HTML 5Page - SICK AG LUT3-850 Datasheet HTML 6Page - SICK AG LUT3-850 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LUT3-850 | LUT3
LUMINESCENCE SENSORS
Connection diagram
1
L+
QPNP
M
QNPN
4
3
2
brn
blk
blu
wht
QA
5
gra
Characteristic curve
(mm)
20
40
60
80
100
300
250
200
150
100
50
0
1
2
3
Switching
threshold
Scan material:
SICK Luminescence scale 100 %
Recommended accessories
Other models and accessories
www.sick.com/LUT3
Brief description
Type
Part no.
Universal bar clamp systems
Plate G for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-G01
2022464
Plate K for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-K01
2022718
Universal clamp bracket for rod mounting, steel, zinc coated, without mounting hard-
ware
BEF-KHS-KH1
2022726
Mounting bar, straight, 200 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-A
4056054
Mounting bar, straight, 300 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-B
4056055
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com