Electronic Components Datasheet Search
  English  ▼

X  

T50RIA60 Datasheet(PDF) 3 Page - International Rectifier

Part # T50RIA60
Description  MEDIUM POWER PHASE CONTROL THYRISTORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T50RIA60 Datasheet(HTML) 3 Page - International Rectifier

  T50RIA60 Datasheet HTML 1Page - International Rectifier T50RIA60 Datasheet HTML 2Page - International Rectifier T50RIA60 Datasheet HTML 3Page - International Rectifier T50RIA60 Datasheet HTML 4Page - International Rectifier T50RIA60 Datasheet HTML 5Page - International Rectifier T50RIA60 Datasheet HTML 6Page - International Rectifier T50RIA60 Datasheet HTML 7Page - International Rectifier T50RIA60 Datasheet HTML 8Page - International Rectifier T50RIA60 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
T..RIA Series
3
Bulletin I27105 rev. B 02/02
www.irf.com
T
J
Max. junction operating
-40 to 125
°C
temperature range
T
stg
Max. storage temperature
-40 to 150
°C
range
RthJC Max. thermal resistance,
0.65
0.50
0.38
K/W
DC operation, per junction
junction to case
RthCS Max. thermal resistance,
0.2
K/W
Mounting surface smooth, flat and greased
case to heatsink
T
Mounting
to heatsink
1.3 ± 10%
Nm
M3.5 mounting screws (2)
torque ± 10%
terminals
3 ± 10%
M5 screw terminals
wt
Approximate weight
54
g
See outline table
Case style
D-56
T type
I
RRM
Maximum peak reverse and
15
mA
T
J = TJ = TJ max.
IDRM off-state leakage current
V
INS
RMS isolation voltage
3500
V
50Hz, circuit to base, all terminals shorted,
T
J = 25°C, t = 1s
dv/
dt
Critical rate of rise of off-state
500
V/µs
TJ = TJ max., linear to 80% rated VDRM (1)
voltage
Blocking
Thermal and Mechanical Specifications
(2) A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the
spread of the compound.
Parameter
T50RIA
T70RIA
T90RIA
Units Conditions
Parameter
T50RIA
T70RIA
T90RIA
Units Conditions
Triggering
P
GM
Max. peak gate power
10
12
12
W
tp
≤5ms, T
J = TJ max.
P
G(AV) Max. average gate power
2.5
3.0
3.0
W
f=50Hz, T
J = TJ max.
I
GM
Max. peak gate current
2.5
3.0
3.0
A
tp
≤5ms, T
J = TJ max.
-V
GT
Max. peak negative
10
10
10
V
gate voltage
V
GT
Max. required DC gate
4.0
4.0
4.0
V
TJ = - 40°C
Anodesupply=6V,resistive
voltage to trigger
2.5
2.5
2.5
TJ = 25°C
load;Ra=1
Ω
1.5
1.5
1.5
TJ = TJmax.
I
GT
Max. required DC gate
250
270
270
TJ = - 40°C
Anodesupply=6V,resistive
current to trigger
100
120
120
mA
TJ = 25°C
load;Ra=1
Ω
50
60
60
TJ = TJmax.
V
GD
Max. gate voltage
0.2
0.2
0.2
V
@ T
J = TJ max., rated VDRM applied
that will not trigger
I
GD
Max. gate current
5.0
6.0
6.0
mA
that will not trigger
di/
dt
Max. rate of rise of
200
A/µs
V
D=0.67ratedVDRM,ITM=2xrateddi/dt
turned-on current
180
I
g = 400mA for T50RIA and Ig = 500mA for
160
T70RIA & T90RIA; tr < 0.5µs, tp >= 6µs
150
For repetitive value use 40% non-repetitive
Per JEDEC std. RS397,5.2.2.6
Parameter
T50RIA
T70RIA
T90RIA
Units Conditions
non lubricated
threads
(1) Available with dv/dt = 1000V/
µs, to complete code add S90 i.e. T90RIA80S90



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com