Electronic Components Datasheet Search
  English  ▼

X  

1046711 Datasheet(PDF) 6 Page - SICK AG

Part # 1046711
Description  LUMINESCENCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1046711 Datasheet(HTML) 6 Page - SICK AG

  1046711 Datasheet HTML 1Page - SICK AG 1046711 Datasheet HTML 2Page - SICK AG 1046711 Datasheet HTML 3Page - SICK AG 1046711 Datasheet HTML 4Page - SICK AG 1046711 Datasheet HTML 5Page - SICK AG 1046711 Datasheet HTML 6Page - SICK AG 1046711 Datasheet HTML 7Page - SICK AG 1046711 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LUT8U-11101 | LUT8
LUMINESCENCE SENSORS
Light spot size
110
(4.3)
90
(3.5)
70
(2.8)
6 x 15
(0.2 x 0.6)
12 x 12
(0.5 x 0.5)
13 x 16
(0.5 x 0.6)
60
(2.4)
50
(2.0)
40
(1.6)
6 x 16
(0.2 x 0.6)
5 x 15
(0.2 x 0.6)
8 x 20
(0.3 x 0.8)
30
(1.2)
20
(0.8)
10
(0.4)
3 x 10
(0.1 x 0.4)
3 x 9
(0.1 x 0.4)
8 x 14
(0.3 x 0.6)
15
(0.6)
10
(0.4)
5
(0.2)
5 x 10
(0.2 x 0.4)
2 x 6
(0.1 x 0.2)
4 x 8
(0.2 x 0.3)
Distance
Distance
Distance
Distance
All dimensions in mm (inch)
Sensing distance 10 mm
Sensing distance 20 mm
Sensing distance 50 mm
Sensing distance 90 mm
Recommended accessories
Other models and accessories
www.sick.com/LUT8
Brief description
Type
Part no.
Universal bar clamp systems
Plate G for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-G01
2022464
Plate K for universal clamp bracket, steel, zinc coated, Universal clamp (2022726),
mounting hardware
BEF-KHS-K01
2022718
Universal clamp bracket for rod mounting, steel, zinc coated, without mounting hard-
ware
BEF-KHS-KH1
2022726
Mounting bar, straight, 200 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-A
4056054
Mounting bar, straight, 300 mm, steel, steel, zinc coated, without mounting hardware
BEF-MS12G-B
4056055
Mounting bar, L-shaped, 150 mm x 150 mm, steel, steel, zinc coated, without mounting
hardware
BEF-MS12L-A
4056052
Mounting bar, L-shaped, 250 x 250 mm, steel, steel, zinc coated, without mounting
hardware
BEF-MS12L-B
4056053
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF2A15-020VB5XLEAX
2096239
Head A: female connector, M12, 5-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF2A15-050VB5XLEAX
2096240
Head A: female connector, M12, 5-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 10 m
YF2A15-100VB5XLEAX
2096241
6
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com