Electronic Components Datasheet Search
  English  ▼

X  

1047042 Datasheet(PDF) 5 Page - SICK AG

Part # 1047042
Description  LUMINESCENCE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1047042 Datasheet(HTML) 5 Page - SICK AG

  1047042 Datasheet HTML 1Page - SICK AG 1047042 Datasheet HTML 2Page - SICK AG 1047042 Datasheet HTML 3Page - SICK AG 1047042 Datasheet HTML 4Page - SICK AG 1047042 Datasheet HTML 5Page - SICK AG 1047042 Datasheet HTML 6Page - SICK AG 1047042 Datasheet HTML 7Page - SICK AG 1047042 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LUT8U-11201 | LUT8
LUMINESCENCE SENSORS
Connection diagram
cd-312
+(L+)
QNPN
-(M)
1
2
3
QPNP
4
BN
WH
BU
BK
QA
GY
5
Concept of operation
Rotary switch
1. Position mark
2. Position background
Sensitivity setting
t
Signal
strength
Mark signal
Switching threshold
Background signal
Q
–
+
Sensitivity
low
high
Q
–
+
Sensitivity
low
high
Turn “Sensitivity” rotary
switch clockwise until yellow
LED illuminates.
If yellow LED illuminates, turn
“Sensitivity” rotary switch
counter-clockwise until the
yellow LED just goes out.
Note
The bar graph display shows the luminescence intensity (regardless of switching threshold setting).
Adjustments are intendend for luminescence background suppression.
Characteristic curve
Sensing distance
40
(1.57)
0
80
(3.15)
120
(4.72)
160
(6.30)
200
(7.87)
240
(9.45)
0
Switching
threshold
Scan material:
SICK Luminescence reference 100 %
Sensing distance in mm (inch)
300
250
200
150
100
50
①  Sensing distance 10 mm
②  Sensing distance 20 mm
③  Sensing distance 50 mm
④  Sensing distance 90 mm
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com