Electronic Components Datasheet Search
  English  ▼

X  

TC-200 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TC-200
Description  Temperature Compensated Crystal Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-200 Datasheet(HTML) 1 Page - Vectron International, Inc

  TC-200 Datasheet HTML 1Page - Vectron International, Inc TC-200 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
52
TC-200
Description:
Vectron International has introduced a series of low jitter
complementary PECL TCXO’s for use in SONET Minimum Clock
(SMC) applications and is available in Output frequencies from
311.04 MHz to 777.6 MHz.
Features:
• True SONET Minimum performance
• Ultra low Jitter
• 3.3 Vdc or 5 Vdc operation
• Complementary PECL output
Performance Characteristics
Frequencies:
311.04 MHz to 777.6 MHz
Package Size:
30.48 x 25.4 x 6.35 mm (1.2” x 1.0” x 0.25”)
Supply Voltage (Vcc):
C = 5.0 Vdc ±5%
(other options are available upon request)
D = 3.3 Vdc ±5%
Current:
<200 mA
Output:
Complementary PECL
Output Level (@ +25°C):
Voh (“1”) = Vcc
Vol (“0”) = Vcc - 1.63 V max
Rise/Fall Time:
<400 ps (20% to 80%)
Symmetry (Duty Cycle):
50/50 ±5% @ Vcc - 1.3 V
Temperature Stability:
C-416 - ±4.1 ppm over
0oC to +70oC (per GR-253-CORE : R5-126)
F-416 - ±4.1 ppm over -40oC to +85oC (per GR-253-CORE : R5-126)
NOTE:
Tighter stabilities and wider temperature ranges are available,
please consult the factory.
Initial Accuracy @ +25°C:
B ±5 ppm max after reflow, Total Stability <20 ppm All Causes.
Aging:
<10 ppm for ten years
Jitter Generation:
<1 ps rms from 12 kHz to 80 MHz
Frequency vs. Supply:
<±0.2 ppm for a ±5% change in supply voltage
Electrical Frequency Adjust:
A ±40 ppm min., 0 to Vcc, positive slope (per GR-253-CORE: R5-129)
Parameter
Characteristics
Temperature Compensated Crystal Oscillators (TCXO’s)
TC-200
8798_AA's Vectron
05/30/02
3:11 PM
Page 52


Similar Part No. - TC-200

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TC-200-BM-X FAIRVIEW-TC-200-BM-X Datasheet
58Kb / 1P
BNCM FOR LMR-200 CABLE
REV A
TC-200-NMH-X FAIRVIEW-TC-200-NMH-X Datasheet
313Kb / 3P
N Male (Plug) Connector For LMR-200 Cable, Crimp/Solder
REV C
TC-200-SM-SS-X FAIRVIEW-TC-200-SM-SS-X Datasheet
281Kb / 1P
SMA Male(Plug) Straight Solder Pin No Braid Trim Stainless Steel Connector for LMR-200 Cable
REV A
logo
List of Unclassifed Man...
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
2000W Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
2000W Redundant Power Supply
More results

Similar Description - TC-200

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
Temperature Compensated Crystal Oscillators
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
Temperature Compensated Crystal Oscillators
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com