Electronic Components Datasheet Search
  English  ▼

X  

CTG-34U Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # CTG-34U
Description  20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

CTG-34U Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  CTG-34U Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. CTG-34U Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. CTG-34U Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CTG-31U thru CTG-36U
Pb Free Plating Product
CTG-31U/CTG-32U/CTG-33U/CTG-34U/CTG-35U/CTG-36U
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Pb
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
ambient temperature unless otherwise specified.
NOTES : (1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
20.0
5.0
0.98
35
100
70
0.85
UNIT
V
V
V
V
A
A
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
Half sine-wave superimposed on rated load
(JEDEC method)
@ 10.0 A
At Rated DC Blocking Voltage @TJ=125
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
200
CTG-32U
200
400
1.3
1.7
CTG-34U
CTG-36U
(Total Device 2x10A=20A)
(Per Diode/Per Leg)
μA
μA
/W
℃
℃
℃
℃
120
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/3
Rev.08T
℃
℃
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Heatsink TO-3PN open metal package
High surge current capability
Weight: 0.61 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,Motor Control,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
CTG-33U
CTG-35U
TO-3PN
Bottom Side Metal Heat Sink
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "S"
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "R"
Suffix "U"
Suffix "UR"
CTG-31U


Similar Part No. - CTG-34U

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
CTG-34R THINKISEMI-CTG-34R Datasheet
354Kb / 2P
20.0 Ampere Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
CTG-34R THINKISEMI-CTG-34R Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
logo
Sanken electric
CTG-34R SANKEN-CTG-34R Datasheet
753Kb / 5P
Ultra Fast Recovery Diodes
logo
Thinki Semiconductor Co...
CTG-34S THINKISEMI-CTG-34S Datasheet
517Kb / 2P
20.0 Ampere Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
CTG-34S THINKISEMI-CTG-34S Datasheet
1,015Kb / 3P
20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - CTG-34U

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U20D20D THINKISEMI-U20D20D_04 Datasheet
1,013Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FMG31U THINKISEMI-FMG31U Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FML31U THINKISEMI-FML31U Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FMU31U THINKISEMI-FMU31U Datasheet
1,013Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
FMX31U THINKISEMI-FMX31U Datasheet
1,014Kb / 3P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
U20C20D THINKISEMI-U20C20D_V01 Datasheet
817Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
D39-02D THINKISEMI-D39-02D Datasheet
269Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR2020CD THINKISEMI-MUR2020CD Datasheet
268Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR2020CR THINKISEMI-MUR2020CR Datasheet
273Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR2020PR THINKISEMI-MUR2020PR Datasheet
279Kb / 2P
20.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com