Electronic Components Datasheet Search
  English  ▼

X  

TPS3430 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3430
Description  Automotive Window Watchdog Timer with Programmable Reset Delay
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3430 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS3430 Datasheet HTML 20Page - Texas Instruments TPS3430 Datasheet HTML 21Page - Texas Instruments TPS3430 Datasheet HTML 22Page - Texas Instruments TPS3430 Datasheet HTML 23Page - Texas Instruments TPS3430 Datasheet HTML 24Page - Texas Instruments TPS3430 Datasheet HTML 25Page - Texas Instruments TPS3430 Datasheet HTML 26Page - Texas Instruments TPS3430 Datasheet HTML 27Page - Texas Instruments TPS3430 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
NC
VDD1
GND
TPS3430
VDD2
3.3V
Microcontroller
SET1
VCORE
CRST
GND
WDO
NMI
CWD
SET0
WDI
GPIO
NC
5nF
GND
Open-drain Buffer
24
TPS3430-Q1
SBVS367 – JULY 2018
www.ti.com
Product Folder Links: TPS3430-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.2.3 Monitoring Microcontroller with a Latching Window Watchdog Timer - Design 3
A safety critical application for the TPS3430-Q1 is shown in Figure 21. The TPS3430-Q1 is used to monitor the
activity of the microcontroller via the WDI pin and upon a watchdog fault, this design latches the WDO pin until
the device VDD drops below VDD (min).
Figure 21. Monitoring Microcontroller Using a Latching Window Watchdog Timer
8.2.3.1 Design Requirements - Design 3
PARAMETER
DESIGN REQUIREMENT
DESIGN RESULT
Watchdog Reset delay
Latch WDO upon watchdog fault
Latching watchdog functionality that keeps WDO
logic low when fault occurs
Watchdog window
Functions with a 1-Hz pulse-width modulation
(PWM) signal with a 50% duty cycle
Leaving the CWD pin unconnected with SET0 = 1
and SET1 = 1 produces a window with a tWDL(max)
of 920 ms and a tWDU(min) of 1360 ms
Output logic voltage
3.3-V Open-Drain
3.3-V Open-Drain
Maximum device current
consumption
200 µA
10 µA of current consumption, typical worst-case of
199 µA when WDO is asserted
8.2.3.2 Detailed Design Procedure - Design 3
8.2.3.2.1
Meeting the Latching Output Requirement - Design 3
To achieve the latching watchdog feature, an open-drain buffer is connected from WDO to CRST with a small
value capacitor connected from the Anode of the buffer connected to CRST to GND. The capacitor should be
small value to prevent additional delay when triggering WDO to active low during watchdog fault. A capacitor
between 150pF and 5nF is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com