Electronic Components Datasheet Search
  English  ▼

X  

TDA4863 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TDA4863
Description  Boost Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4863 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TDA4863 Datasheet HTML 16Page - Infineon Technologies AG TDA4863 Datasheet HTML 17Page - Infineon Technologies AG TDA4863 Datasheet HTML 18Page - Infineon Technologies AG TDA4863 Datasheet HTML 19Page - Infineon Technologies AG TDA4863 Datasheet HTML 20Page - Infineon Technologies AG TDA4863 Datasheet HTML 21Page - Infineon Technologies AG TDA4863 Datasheet HTML 22Page - Infineon Technologies AG TDA4863 Datasheet HTML 23Page - Infineon Technologies AG TDA4863 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
TDA4863
Electrical Characteristics
Data Sheet
20
V1.0, 2003-05
Gate Drive Rise Time and Fall Time
versus Temperature
Gate Drive Voltage High State
versus V
cc
0
20
40
60
80
100
120
140
-40
0
40
80
120
160
Tj / °C
rise
time
fall
time
8
8,5
9
9,5
10
10,5
11
11,5
12
11
13
15
Vcc / V
I
GT =-2mA
I
GT =-20mA
I
GT =-200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com