Electronic Components Datasheet Search
  English  ▼

X  

TH7888AVRHN Datasheet(PDF) 19 Page - ATMEL Corporation

Part # TH7888AVRHN
Description  Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TH7888AVRHN Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button TH7888AVRHN Datasheet HTML 13Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 14Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 15Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 16Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 17Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 18Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 19Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 20Page - ATMEL Corporation TH7888AVRHN Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
TH7888A
1999A–IMAGE–09/03
Package Outline
Figure 19. Package Drawing for 40-lead PGA
Notes:
1. All values are in mm.
2. Black alumina 40-lead PGA package
3. Black optical mask (only on sealed version)
4. 400 nm – 700 nm AR coated window (R < 1% per side). Only on sealed version
5. Metal back, (CuW – copper tungsten) gold plated. Electrically grounded (VSS)
6. Optical center
7. First useful pixel (readout through Vos1)
8. Mechanical reference
9. Photosensitive area dimensions 14,392(X) x 14,358(Y)
6.90
± 0.20
8
0,734
± 0,1
17.25
± 0.20
2.31
± 0.30
2.19
± 0.25
Pin No. = A1 Index
26.50 ±0.3
0.5
Φ3.04+0.04
-
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com