Electronic Components Datasheet Search
  English  ▼

X  

75R-002 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 75R-002
Description  ROTARY ATTENUATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

75R-002 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  75R-002 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ROTARY ATTENUATOR
SPECIFICATION SHEET
JFW MODEL 75R-002
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-500 MHz
Impedance
75 Ohms nominal
Attenuation Range
0-10 dB in 1 dB steps
VSWR
1.3:1 maximum
Insertion Loss
0.4 dB maximum
Attenuation Accuracy
± 0.1 dB maximum
DC-30 MHz
± 0.2 dB maximum
30-300 MHz
± 0.3 dB maximum
300-500 MHz
RF Input Power
1 Watt average
1000 Watts peak
Direction of Rotation
Attenuation increases in a Counter-
Clockwise direction
Indexing
30 degrees with stops at minimum and
maximum
RF Connector
BNC, F or N female
Operating Temperature Range
-20ºC to +85ºC
Lifetime
500,000 attenuation steps
Knob/Panel Mounting Drawing
092-8435-03
Outline Drawings
092-002-01 (75R-002 BNC)
092-002-02 (75R-002 F)
092-002-04 (75R-002 N)
4663
08/20/2004
B
CLV 08/20/2004
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
9999
05/20/2003
A
BAC 08/20/2004
17378
07/02/2009
C
TRS 07/02/2009
28157
10/05/2017
E
TRS 10/05/2017
25779
09/29/2015
D
TRS 09/29/2015
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 75R-002

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75R-002 JFW-75R-002 Datasheet
26Kb / 1P
ROTARY ATTENUATOR
More results

Similar Description - 75R-002

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50R-028 JFW-50R-028 Datasheet
26Kb / 1P
ROTARY ATTENUATOR
50R-083 JFW-50R-083 Datasheet
26Kb / 1P
ROTARY ATTENUATOR
50R-084 JFW-50R-084 Datasheet
26Kb / 1P
ROTARY ATTENUATOR
50R-137 JFW-50R-137 Datasheet
27Kb / 1P
ROTARY ATTENUATOR
50R-246 JFW-50R-246 Datasheet
26Kb / 1P
ROTARY ATTENUATOR
50R-310 JFW-50R-310 Datasheet
26Kb / 1P
ROTARY ATTENUATOR
75R-050 JFW-75R-050 Datasheet
26Kb / 1P
ROTARY ATTENUATOR
50R-137 JFW-50R-137_17 Datasheet
27Kb / 1P
ROTARY ATTENUATOR
50R-310 JFW-50R-310_17 Datasheet
27Kb / 1P
ROTARY ATTENUATOR
50R-401 JFW-50R-401_17 Datasheet
32Kb / 1P
ROTARY ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com