Electronic Components Datasheet Search
  English  ▼

X  

75S-366 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 75S-366
Description  1P4T SELF TERMINATING SOLID STATE RF SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

75S-366 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  75S-366 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1P4T SELF TERMINATING SOLID STATE RF SWITCH
SPECIFICATION SHEET
JFW MODEL 75S-366
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
5-2150 MHz
Configuration
1P4T Self Terminating
Impedance
75 Ohms nominal
VSWR
1.3:1 typical
1.4:1 maximum
Insertion Loss
2.0 dB typical
2.5 dB maximum
Isolation
80 dB typical
70 dB minimum
Switching Speed
10 microseconds (50% TTL to 10% or 90% RF)
RF Input Power
+10 dBm 5-100MHz
+20 dBm 100-2150MHz
Control Logic (4 Lines)
TTL "High" (2.0-5.0V) for ON
TTL "Low" (0-0.8V) for OFF and internally
terminated in 75 Ohms
(Only 1 line High at a time)
(All lines can be low for all ports off)
DC Supply
+12 Vdc @ 200 mA nominal
RF Connector
F female
Operating Temperature Range
0ºC to +70ºC
Storage Temperature Range
-55ºC to +90ºC
Physical Size
See outline drawing 092-6904
09/08/2014
BAC 09/08/2014
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
24978
02/23/2015
A
BAC 02/23/2015
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 75S-366

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
75S-362 JFW-75S-362 Datasheet
27Kb / 1P
1P5T SELF TERMINATING SOLID STATE RF SWITCH
75S-364 JFW-75S-364 Datasheet
67Kb / 1P
1P8T SELF TERMINATING SOLID STATE RF SWITCH
75S-365 JFW-75S-365 Datasheet
27Kb / 1P
75S-365
More results

Similar Description - 75S-366

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-713 JFW-50S-713 Datasheet
26Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-963 JFW-50S-963 Datasheet
26Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-1075 JFW-50S-1075 Datasheet
26Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-1783 JFW-50S-1783 Datasheet
27Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-1877 JFW-50S-1877 Datasheet
32Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-1971 JFW-50S-1971 Datasheet
27Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
75S-327 JFW-75S-327 Datasheet
26Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
75S-333 JFW-75S-333 Datasheet
26Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
75S-386 JFW-75S-386 Datasheet
32Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
50S-2040 JFW-50S-2040_17 Datasheet
27Kb / 1P
1P4T SELF TERMINATING SOLID STATE RF SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com