Electronic Components Datasheet Search
  English  ▼

X  

TL16C554A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C554A
Description  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C554A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL16C554A Datasheet HTML 2Page - Texas Instruments TL16C554A Datasheet HTML 3Page - Texas Instruments TL16C554A Datasheet HTML 4Page - Texas Instruments TL16C554A Datasheet HTML 5Page - Texas Instruments TL16C554A Datasheet HTML 6Page - Texas Instruments TL16C554A Datasheet HTML 7Page - Texas Instruments TL16C554A Datasheet HTML 8Page - Texas Instruments TL16C554A Datasheet HTML 9Page - Texas Instruments TL16C554A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509A – AUGUST 2001 – REVISED JULY 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions, standard voltage (5 V-nominal)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Clock high-level input voltage at XTAL1, VIH(CLK)
2
VCC
V
Clock low-level input voltage at XTAL1, VIL(CLK)
– 0.5
0.8
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
– 0.5
0.8
V
Clock frequency, fclock
16
MHz
Operating free-air temperature TA
TL16C554A
0
70
°C
O erating free-air tem erature, TA
TL16C554AI
–40
85
°C
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltage, standard voltage (5-V nominal) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH‡
High-level output voltage
IOH = – 1 mA
2.4
V
VOL‡
Low-level output voltage
IOL = 1.6 mA
0.4
V
IIkg
Input leakage current
VCC = 5.25 V,
GND = 0,
VI = 0 to 5.25 V,
All other terminals floating
±10
µA
IOZ
High-impedance output
current
VCC = 5.25 V,
GND = 0,
VO = 0 to 5.25 V,
Chip selected in write mode or chip deselected
±20
µA
ICC
Supply current
VCC = 5.25 V,
TA = 25°C,
RX, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V, XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kilobits per second
50
mA
Ci(XTAL1)
Clock input capacitance
15
20
pF
Co(XTAL2) Clock output capacitance
VCC = 0, VSS = 0, all other terminals grounded,
20
30
pF
Ci
Input capacitance
CC
SS
g
f = 1 MHz, TA = 25°C
6
10
pF
Co
Output capacitance
10
20
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ These parameters apply for all outputs except XTAL2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com