Electronic Components Datasheet Search
  English  ▼

X  

TLE6365G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6365G
Description  Step Down Voltage-Regulator with Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6365G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6365G Datasheet HTML 6Page - Infineon Technologies AG TLE6365G Datasheet HTML 7Page - Infineon Technologies AG TLE6365G Datasheet HTML 8Page - Infineon Technologies AG TLE6365G Datasheet HTML 9Page - Infineon Technologies AG TLE6365G Datasheet HTML 10Page - Infineon Technologies AG TLE6365G Datasheet HTML 11Page - Infineon Technologies AG TLE6365G Datasheet HTML 12Page - Infineon Technologies AG TLE6365G Datasheet HTML 13Page - Infineon Technologies AG TLE6365G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TLE 6365
Data Sheet Rev. 1.7
10
2003-06-02
Buck Converter
A stabilized logic supply voltage (typ. 5 V) for general purpose is realized in the system
by a buck converter. An external buck-inductance
L
BU is PWM switched by a high side
DMOS power transistor with the programmed frequency (pin R).
The buck converter uses the temperature compensated bandgap reference voltage
(typ. 2.8 V) for its regulation loop.
This reference voltage is connected to the non-inverting input of the error amplifier and
an internal voltage divider supplies the inverting input. Therefore the output voltage
V
CC
is fixed due to the internal resistor ratio to typ. 5.0 V.
The output of the error amplifier goes to the inverting input of the PWM comparator as
well as to the buck compensation output BUC.
When the error amplifier output voltage exceeds the sawtooth voltage the output power
MOS-transistor is switched on. So the duration of the output transistor conduction phase
depends on the
V
CC level. A logic signal PWM with variable pulse width is generated.
Figure 4
Buck Converter Block Diagram
External loop compensation is required for converter stability, and is formed by
connecting a compensation resistor-capacitor series-network (
R
BUC, CBUC) between pin
BUC and GND.
GND
2,8V
OC
COMP
&
NAND 2
R
Sense
18m
Ω
-
+
-
+
-
+
-
+
V
REF
Gate
Driver
GND
1,2V
V
thOV
GND
4V
V
thUV
H when
OV at V
CC
H when UV
at V
BOOST
L when
Overcurrent
Power
D-MOS
PWM
COMP
Error
AMP
OV
COMP
UV
COMP
L when
Overcurrent
PWM-FF
Error-Signal
V
thOC
18mV
1
INV
ERROR-FF
Oscillator
Schmitt-trigger 1
Error-Ramp
R
Pin 1
V
S
Pin 8
BUO
Pin 7
Clock
Ramp
NOR 1
>1
&
&
R
S
Q
Q
&
&
R
S
Q
Q
BUC
Pin 3
GND
R
VCC2
28R
R
Prot1
200
Ω
V
CC
R
VCC1
22R
GND
R
VCC4
10R3
V
CC
R
VCC3
39R7
NOR1
Output Stage OFF when H
V
CC
Pin 5
V
min
V
max
t
t
r
t
f tr
V
low
V
high
t
t
r
t
f
t
r
L when
T
j >175°C
BDS
Pin 6
Gate
Driver
Supply
OFF when H
H when
Error-Signal
<
Error-Ramp
H=
OFF
H=
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com