Electronic Components Datasheet Search
  English  ▼

X  

TL3414AIP Datasheet(PDF) 3 Page - Texas Instruments

Part # TL3414AIP
Description  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3414AIP Datasheet(HTML) 3 Page - Texas Instruments

  TL3414AIP Datasheet HTML 1Page - Texas Instruments TL3414AIP Datasheet HTML 2Page - Texas Instruments TL3414AIP Datasheet HTML 3Page - Texas Instruments TL3414AIP Datasheet HTML 4Page - Texas Instruments TL3414AIP Datasheet HTML 5Page - Texas Instruments TL3414AIP Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TL3414A
DUAL HIGHOUTPUT CURRENT OPERATIONAL AMPLIFIER
SLOS453A − DECEMBER 2004 − REVISED JANUARY 2005
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage (single supply)
3
15
V
VCC +
Supply voltage (dual supply)
1.5
7.5
V
VCC −
Supply voltage (dual supply)
−1.5
−7.5
V
VID
Differential input voltage
15
V
VI
Input voltage
−0.3
15
V
TA
Operating free-air temperature range
−40
85
°C
DC electrical characteristics,
VCC+ = 5 V, VCC− = 0 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
RS = 0 Ω
2
5
mV
IIO
Input offset current
15
100
nA
IIB
Input bias current
300
600
nA
AVD
Large-signal differential voltage amplification
RL = 2 kΩ
77
100
dB
VICR
Common-mode input voltage range
VCC+ −2V
V
VOM
Output voltage swing
RL > 2 kΩ, VCC+ = 5 V
3.5
V
VOM
Output voltage swing
IO = 70 mA, VCC+ = 5 V
3.2
V
CMRR
Common-mode rejection ratio
70
79
dB
kSVR† Supply-voltage rejection ratio
80
90
dB
ICC
Supply current (all amplifiers)
RL = open circuit (full temperature range)
3
4
6
mA
† Measured with VCC± differentially and simultaneously varied from 5 V to 8.6 V
AC electrical characteristics,
VCC+ = 5 V, VCC− = 0 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
0.83
V/
µs
GBW
Gain bandwidth product
1.1
MHz
Vn
Equivalent input noise voltage
f = 1 kHz
18
nV/
√Hz
DC electrical characteristics,
VCC+ = 8.6 V, VCC− = 0 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
RS = 0 Ω
2
5
mV
IIO
Input offset current
15
100
nA
IIB
Input bias current
300
600
nA
AVD
Large-signal differential voltage
amplification
RL = 2 kΩ
88
105
dB
VICR
Common-mode input voltage range
VCC+ −2V
V
VOM
Output voltage swing
RL > 2 kΩ, VCC+ = 8.6 V
7
V
VOM
Output voltage swing
IO = 70 mA, VCC+ = 8.6 V
6.7
V
CMRR
Common-mode rejection ratio
80
90
dB
kSVR†
Supply-voltage rejection ratio
80
90
dB
ICC
Supply current (all amplifiers)
RL = open circuit (full temperature range)
3
4
6
mA
† Measured with VCC± differentially and simultaneously varied from 5 V to 8.6 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com