Electronic Components Datasheet Search
  English  ▼

X  

R87B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # R87B
Description  Comprehensive Lineup of Single, Double, and Triple Axial Fans with Easy One-step Mounting
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87B Datasheet(HTML) 3 Page - Omron Electronics LLC

  R87B Datasheet HTML 1Page - Omron Electronics LLC R87B Datasheet HTML 2Page - Omron Electronics LLC R87B Datasheet HTML 3Page - Omron Electronics LLC R87B Datasheet HTML 4Page - Omron Electronics LLC R87B Datasheet HTML 5Page - Omron Electronics LLC R87B Datasheet HTML 6Page - Omron Electronics LLC R87B Datasheet HTML 7Page - Omron Electronics LLC R87B Datasheet HTML 8Page - Omron Electronics LLC R87B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Single Box Fan
R87B-
@A@A15@PF(R)
Ratings and Ordering Information
Airflow Direction: In
Note: An asterisk (*) indicates a nominal value.
Airflow Direction: Out
Note: An asterisk (*) indicates a nominal value.
• The data in this table comes from measurements that were taken with the filter and cover attached.
• The model number of the AC Axial Fan in the Box Fan can be determined from the model number of the Box Fan as follows:
Item
Rated
voltage
(V)
Permitted
voltage
fluctuation
range (%)
Frequency
(Hz)
Rated
rotational
speed (r/min)
*
Maximum
flow rate
(m3/min)
*
Maximum
static
pressure (Pa)
*
Noise
(dB)
*
Weight
Model
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
R87B-FA1A15HPF
100
85% to 110%
rated voltage
50/60
2,700
3,100
1.3
1.5
91
85
49
52
Approx.
1,120 g
R87B-FA3A15HPF
115
R87B-FA4A15HPF
200
R87B-FA6A15HPF
230
R87B-FA1A15LPF
100
85% to 110%
rated voltage
50/60
2,100
2,200
0.9
1.0
43
42
42
43
R87B-FA3A15LPF
115
R87B-FA4A15LPF
200
R87B-FA6A15LPF
230
R87B-TA1A15HPF
100
85% to 110%
rated voltage
50/60
2,650
3,000
1.1
1.3
67
63
45
48
Approx.
1,150 g
R87B-TA3A15HPF
115
R87B-TA4A15HPF
200
R87B-TA6A15HPF
230
R87B-TA1A15MPF
100
85% to 110%
rated voltage
50/60
2,300
2,600
0.8
1.0
41
45
41
44
R87B-TA3A15MPF
115
R87B-TA4A15MPF
200
R87B-TA6A15MPF
230
Item
Rated
voltage
(V)
Permitted
voltage
fluctuation
range (%)
Frequency
(Hz)
Rated
rotational
speed (r/min)
*
Maximum
flow rate
(m3/min)
*
Maximum
static
pressure (Pa)
*
Noise
(dB)
*
Weight
Model
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
R87B-FA1A15HPFR
100
85% to 110%
rated voltage
50/60
2,700
3,100
1.3
1.5
91
85
49
52
Approx.
1,120 g
R87B-FA3A15HPFR
115
R87B-FA4A15HPFR
200
R87B-FA6A15HPFR
230
R87B-FA1A15LPFR
100
85% to 110%
rated voltage
50/60
2,100
2,200
0.9
1.0
43
42
42
43
R87B-FA3A15LPFR
115
R87B-FA4A15LPFR
200
R87B-FA6A15LPFR
230
R87B-TA1A15HPFR
100
85% to 110%
rated voltage
50/60
2,650
3,000
1.1
1.3
67
63
45
48
Approx.
1,150 g
R87B-TA3A15HPFR
115
R87B-TA4A15HPFR
200
R87B-TA6A15HPFR
230
R87B-TA1A15MPFR
100
85% to 110%
rated voltage
50/60
2,300
2,600
0.8
1.0
41
45
41
44
R87B-TA3A15MPFR
115
R87B-TA4A15MPFR
200
R87B-TA6A15MPFR
230
R87B-FA1A15HPF
→R87F-A1A15HP
The model number of the Axial Fan can be determined by extracting the underlined portions from the model number of the Box Fan as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com