Electronic Components Datasheet Search
  English  ▼

X  

XM3B Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # XM3B
Description  The D-sub Connector are Ideal for Office Automation Interfacing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM3B Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button XM3B Datasheet HTML 4Page - Omron Electronics LLC XM3B Datasheet HTML 5Page - Omron Electronics LLC XM3B Datasheet HTML 6Page - Omron Electronics LLC XM3B Datasheet HTML 7Page - Omron Electronics LLC XM3B Datasheet HTML 8Page - Omron Electronics LLC XM3B Datasheet HTML 9Page - Omron Electronics LLC XM3B Datasheet HTML 10Page - Omron Electronics LLC XM3B Datasheet HTML 11Page - Omron Electronics LLC XM3B Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
D-sub Connectors
XM3/XM2S
XM2S / XM2S-E Straight and Right Angle Hoods
Dimensions
Max. applicable diameter: 9 dia.
Max. applicable cable diameter: F dia.
Lock screw
M2.6
× 0.45
M3
× 0.5
#4-40 UNC
Lock screw
M2.6
× 0.45
M3
× 0.5
#4-40 UNC
Dot (screw head)
9-contact Hood
with Straight Connecting Cable
XM2S-091
@
No. of
contacts
ABCD
E
F
15
40.5
33.32
26.5
19
30
10
25
54.0
47.04
40
29
38
11
37
70.5
63.50
57
42
50
13
(unit:mm)
9-contact Hood
15, 25 and 37-contact Hood
with Straight Connecting Cable
XM2S-
@@1@
15, 25 and 37-Contact Hoods
Dot Shape
No dot
1 dot
2 dots
16
5 dia.
48
5.5
25.2
18.2
24.99
45
Max. applicable
cable diameter: 9 dia.
Lock screw
M2.6
× 0.45
Groove
Max. applicable diameter: 11 dia. (See note.)
15
23
39
41
5 dia.
6
Lock screw
M2.6
× 0.45
M3
× 0.5
#4-40 UNC
40
47.04
54
Groove
9-contact Hood with
Right-angle Connecting Cable
XM2S-092
@
(unit:mm)
25-contact Hood with
Right-angle Connecting Cable
XM2S-252
@
Groove Shape
No Groove
1 Groove
2 Grooves
Note: The maximum applicable cable diameter for
the 25-contact right-angle hood is 9 dia if
the cable clamp supplied is mounted facing
the rear.
Do not use a cable bushing in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com