Electronic Components Datasheet Search
  English  ▼

X  

XM9B Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XM9B
Description  Compact LAN Modular Jack Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM9B Datasheet(HTML) 1 Page - Omron Electronics LLC

  XM9B Datasheet HTML 1Page - Omron Electronics LLC XM9B Datasheet HTML 2Page - Omron Electronics LLC XM9B Datasheet HTML 3Page - Omron Electronics LLC XM9B Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
New Product
LAN Modular Jack Connectors
XM9B
Compact LAN Modular Jack
Connectors
• Category 5e transmission performance met for 1,2-3,6
pairs. (Verified with connection to OMRON XS5W-T421.)
• Models available with and without indicators to match
application needs.
• For models with indicators, no space is required on the
side of the case to install a separate indicator, which
saves you space.
• Structure provides EMI countermeasures.
• Lead-free.
Model Number Legend
Ratings and Characteristics
Note: Refer to the product specifications for details.
Materials and Finish
Note:
Refer to the product specifications for details.
Ordering Information
1 8 8 4 4 1
(1) (2) (3) (4) (5) (6) (7)
XM9B
(1) Number of Plungers
(2) Number of Poles
(3) Number of Mounted Contacts
Code
Number of Plungers
1
1 plungers
Code
No. of Contacts
88
Code
Installed Number
88
(7) Indicator Specification
Code
Specification
0
Without indicator
1
With indicator
(4) Contact Plating Specification
(5) Terminal Shape
(6) Shielding Plate Specification
Code
Specification
4
Gold Flash Plating
Code
Shape
4
Side entry (right-angle terminals)
Code
Specification
1
With shielding plate
Rated current
1.5A
Rated voltage
250 VAC
Contact resistance
20 m
Ω max.
Insulation resistance
500 M
Ω min.
Withstand voltage
500 VAC for 1 min (leakage current: 0.5 mA max.)
Insertion durability
750 times
Operating temperature
-45 to 80
°C (With no icing at low temperature)
Housing
PBT resin (UL94 V-0)/black
Contacts
Mating
end
Phosphor bronze/nickel base, flash gold plated
Terminals
Phosphor bronze/nickel base, flash gold plated
Shell
Brass/nickel plated
Appearance
Indicator
Without indicator
With indicator
Model
XM9B-18844-10
XM9B-18844-11


Similar Part No. - XM9B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XM914J ETC1-XM914J Datasheet
34Kb / 1P
R. F. Molded Chokes
logo
Wolfson Microelectronic...
XM9707CFT/V WOLFSON-XM9707CFT/V Datasheet
236Kb / 30P
AC97 Revision 2.1 Audio Codec with Spdif Output
More results

Similar Description - XM9B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM11R-5M2-88-LP HIROSE-TM11R-5M2-88-LP Datasheet
296Kb / 5P
Subminiature, LAN Modular Jack Connectors
TM21R-5C-88-LP HIROSE-TM21R-5C-88-LP Datasheet
596Kb / 10P
Modular Jack Connectors for High-Speed LAN Transmission
logo
List of Unclassifed Man...
AX101309 ETC2-AX101309 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101311 ETC2-AX101311 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101315 ETC2-AX101315 Datasheet
108Kb / 3P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101320 ETC2-AX101320 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101322 ETC2-AX101322 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101324 ETC2-AX101324 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101326 ETC2-AX101326 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX102283 ETC2-AX102283 Datasheet
113Kb / 4P
Modular Connectors - 10GX Modular Jack -KeyConnect
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com