Electronic Components Datasheet Search
  English  ▼

X  

TN0201K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TN0201K
Description  N-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TN0201K Datasheet(HTML) 2 Page - Vishay Siliconix

  TN0201K Datasheet HTML 1Page - Vishay Siliconix TN0201K Datasheet HTML 2Page - Vishay Siliconix TN0201K Datasheet HTML 3Page - Vishay Siliconix TN0201K Datasheet HTML 4Page - Vishay Siliconix TN0201K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TN0201K/TN0201KL
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72671
S-40245—Rev. A, 16-Feb-04
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 10 mA
20
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 0.25 mA
1.0
2.0
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 55_C
10
mA
On State Drain Currenta
ID( )
VDS = 10 V VGS = 10 V
TN0201K
0.5
A
On-State Drain Currenta
ID(on)
VDS = 10 V, VGS = 10 V
TN0201KL
0.8
A
Drain-Source On-Resistancea
rDS(on)
VGS = 4.5 V, ID = 0.1 A
0.8
1.4
W
Drain-Source On-Resistancea
rDS(on)
VGS = 10 V, ID = 0.3 A
0.47
1.0
W
Forward Transconductancea
gfs
VDS = 10 V, ID = 0.3 A
550
mS
Diode Forward Voltage
VSD
IS = 0.3 A, VGS = 0 V
0.85
1.2
V
Dynamicb
Total Gate Charge
Qg
1000
1500
Gate-Source Charge
Qgs
VDS = 16 V, VGS = 10 V
ID ^ 0.3 A
205
pC
Gate-Drain Charge
Qgd
ID ^ 0.3 A
200
Gate Resistance
Rg
48
W
Turn On Time
td(on)
4.5
8
Turn-On Time
tr
VDD = 15 V, RL = 50 W
ID ^ 03 A VGEN = 10 V
8
15
ns
Turn-Off Time
td(off)
ID ^ 0.3 A, VGEN = 10 V
RG = 6 W
9
15
ns
Turn-Off Time
tf
6.3
12
Notes
a.
Pulse test: PW v300 ms duty cycle v2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.2
0.4
0.6
0.8
1.0
012345
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.4
0.8
1.2
1.6
2.0
VGS = 10 thru 5 V
TJ = 125_C
−55_C
3 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
4 V
2 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com