Electronic Components Datasheet Search
  English  ▼

X  

TLV2631IDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2631IDBVR
Description  FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2631IDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2631IDBVR Datasheet HTML 3Page - Texas Instruments TLV2631IDBVR Datasheet HTML 4Page - Texas Instruments TLV2631IDBVR Datasheet HTML 5Page - Texas Instruments TLV2631IDBVR Datasheet HTML 6Page - Texas Instruments TLV2631IDBVR Datasheet HTML 7Page - Texas Instruments TLV2631IDBVR Datasheet HTML 8Page - Texas Instruments TLV2631IDBVR Datasheet HTML 9Page - Texas Instruments TLV2631IDBVR Datasheet HTML 10Page - Texas Instruments TLV2631IDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLV2630, TLV2631
TLV2632, TLV2633
TLV2634, TLV2635
SLOS362A − JUNE 2001 − REVISED JANUARY 2005
7
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1
−200
0
200
400
600
800
1000
1200
−0.3 0
0.3 0.6 0.9 1.2 1.5 1.8 2.1
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VDD = 2.7 V
TA = 25° C
VICR − Common-Mode Input Voltage − V
2.4 2.7
Figure 2
−200
0
200
400
600
800
1000
1200
−0.5 0 0.5
1 1.5 2 2.5
3 3.5 4 4.5 5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VDD = 5 V
TA = 25° C
VICR − Common-Mode Input Voltage − V
Figure 3
0
10
20
30
40
50
60
70
80
90
100
110
120
VDD = 2.7 V and 5 V
TA = 25° C
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
10
1k
1M
10k
100k
100
Figure 4
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
5
10
15
20
25
30
35
40
45
VDD = 2.7 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
TA = 25°C
TA = 0°C
TA = −40°C
TA = 125°C
TA = 70°C
Figure 5
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
5
10
15
20
25
30
35
40
45
VDD = 2.7 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
TA = 25°C
TA = 0°C
TA = −40°C
TA = 125°C
TA = 70°C
IOL − Low-Level Output Current − mA
Figure 6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
102030 405060 708090 100
TA = 25°C
TA = 0°C
TA = −40°C
VDD = 5 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
TA = 125°C
TA = 70°C
Figure 7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
102030 405060 708090 100
VDD = 5 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = −40°C
Figure 8
0
100
200
300
400
500
600
700
800
900
1000
1100
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
AV= 1
VIC = VDD/2
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = −40°C
Figure 9
0
100
200
300
400
500
600
700
800
900
1000
1100
−40 −25 −10 5
20 35 50 65 80 95 110 125
AV= 1
VIC = VDD/2
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VDD = 5 V
VDD = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com