Electronic Components Datasheet Search
  English  ▼

X  

LR6XXYY Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR6XXYY
Description  DUAL OUTPUT LOW ESR CAP LOW-DROPOUT 600MA LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR6XXYY Datasheet(HTML) 4 Page - Unisonic Technologies

  LR6XXYY Datasheet HTML 1Page - Unisonic Technologies LR6XXYY Datasheet HTML 2Page - Unisonic Technologies LR6XXYY Datasheet HTML 3Page - Unisonic Technologies LR6XXYY Datasheet HTML 4Page - Unisonic Technologies LR6XXYY Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LR6XXYY
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-718.d
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7
V
EN Pin Voltage
VEN
7
V
Ambient Temperature
TA
-40 ~ 85
°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 ~ 150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case
θJC
15
°C/W
ELECTRICAL CHARACTERISTICS
(VIN=VOUT+1V, VEN1=VEN2=VIN, TJ=25°C, unless otherwise specified) (Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage (Note 2)
VIN
1.6
6.0
V
Output Voltage Tolerance
VOUT
VIN=6.0V, IOUT=1mA
-2
2
%
Continuous Output Current
IOUT
600
mA
Quiescent Current
IQ
VEN2=VEN1=VIN
50
80
μA
GND Pin Current
IGND
IOUT1= 600mA, IOUT2=600mA,
VEN2=VEN1=VIN
55
80
μA
Standby Current
ISTBY
VEN1=VEN2=0
0.1
μA
Output Current Limit
IIL
650
950
mA
Short Circuit Current
VOUT=GND
400
mA
VOUT=1.8V
710
850
mV
VOUT=2.5V
580
700
mV
Dropout Voltage
VDROP
IOUT=600mA
VOUT=3.3V
470
560
mV
Line Regulation
∆VLIR
VIN=VOUT+ 1V~6V
3
16
mV
Load Regulation
∆VLOR
IOUT=1mA~600mA
2
10
mV
Ripple Rejection
PSRR
f=1kHz, Ripple=0.5VP-P,
65
dB
Output Noise Voltage
f= 10~100KHz
24
μVrms
Temperature Coefficient
TC
50
ppm/°C
Thermal Shutdown
Temperature
VIN=VOUT+1V
150
°C
Thermal Shutdown Hysteresis
35
°C
EN PIN SPECIFICATIONS
EN Pin Current
IEN
VEN1=VEN2= VIN
0.1
μA
Shutdown Exit Delay Time
∆t
100
μS
Max Output Discharge
Resistance to GND During
Shutdown
RDSON_
CLMP
20
Ω
VENH
Output ON
1.6
V
EN Input Threshold
VENL
Output OFF
0.25
V
Notes: 1. Specifications are production tested at TA=25°C. Specifications over the -40°C~85°C operating temperature
range are assured by design, characterization and correlation with Statistical Quality Controls (SQC).
2. VIN(min) is the higher value of VOUT + Dropout Voltage or 1.6V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com