Electronic Components Datasheet Search
  English  ▼

X  

UT71XX Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT71XX
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT71XX Datasheet(HTML) 5 Page - Unisonic Technologies

  UT71XX Datasheet HTML 1Page - Unisonic Technologies UT71XX Datasheet HTML 2Page - Unisonic Technologies UT71XX Datasheet HTML 3Page - Unisonic Technologies UT71XX Datasheet HTML 4Page - Unisonic Technologies UT71XX Datasheet HTML 5Page - Unisonic Technologies UT71XX Datasheet HTML 6Page - Unisonic Technologies UT71XX Datasheet HTML 7Page - Unisonic Technologies UT71XX Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UT71XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-017.O
ELECTRICAL CHARACTRISTICS(Cont.)
For UT7133
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=5.5V, IOUT=10mA
3.220
3.3
3.379
V
Input Voltage
VIN
24
V
Load Regulation
△
VOUT
VIN=5.5V, 1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=5.5V
20
30
mA
Current Consumption
ISS
VIN=5.5V, No load
7
16
μA
Line Regulation
△
VOUT
△
VIN×VOUT
4.5V≤VIN≤24V, IOUT=1mA
0.2
%/V
Temperature Coefficient
△
VOUT
△
TA
VIN=5.5V, IOUT=10mA
0°C<TA<70°C
±0.5
mV/
C
For UT7136
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=5.6V, IOUT=10mA
3.513
3.6
3.686
V
Input Voltage
VIN
24
V
Load Regulation
△
VOUT
VIN=5.6V,1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=5.6V
20
30
mA
Current Consumption
ISS
VIN=5.6V, No load
7
16
μA
Line Regulation
△
VOUT
△
VIN×VOUT
4.6V≤VIN≤24V, IOUT=1mA
0.2
%/V
Temperature Coefficient
△
VOUT
△
TA
VIN=5.6V, IOUT=10mA
0°C<TA<70°C
±0.6
mV/
C
For UT7144
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=6.4V, IOUT=10mA
4.294
4.4
4.505
V
Input Voltage
VIN
24
V
Load Regulation
△
VOUT
VIN=6.4V, 1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=6.4V
20
30
mA
Current Consumption
ISS
VIN=6.4V, No load
7
16
μA
Line Regulation
△
VOUT
△
VIN×VOUT
5.4V≤VIN≤24V, IOUT=1mA
0.2
%/V
Temperature Coefficient
△
VOUT
△
TA
VIN=6.4V, IOUT=10mA
0°C<TA<70°C
±0.7
mV/℃
For UT7145
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=6.5V, IOUT=10mA
4.392
4.5
4.608
V
Input Voltage
VIN
24
V
Load Regulation
△
VOUT
VIN=6.5V, 1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=6.5V
20
30
mA
Current Consumption
ISS
VIN=6.5V, No load
7
16
μA
Line Regulation
△
VOUT
△
VIN×VOUT
5.5V≤VIN≤24V, IOUT=1mA
0.2
%/V
Temperature Coefficient
△
VOUT
△
TA
VIN=6.5V, IOUT=10mA
0°C<TA<70°C
±0.7
mV/
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com