Electronic Components Datasheet Search
  English  ▼

X  

SFF2002G Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # SFF2002G
Description  20.0 Amperes Insulated Dual Common Cathode Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SFF2002G Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  SFF2002G Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SFF2002G Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low forward voltage drop
Super fast switching for high efficiency
High current capability
Case: ITO-220AB full plastic isolated package
High surge current capability
Weight: 1.90 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
SFF2001G thru SFF2008G
Pb Free Plating Product
SFF2001G thru SFF2008G
20.0 Amperes Insulated Dual Common Cathode Super Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Application
Pb
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.08T
ITO-220AB/TO-220F-3L
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "GA"
Suffix "GD"
Suffix "GS"
Suffix "G"
.189(4.8)
.406(10.3)
.130(3.3)
.114(2.9)
.071(1.8)
.055(1.4)
.035(0.9)
.011(0.3)
(2.55)
(2.55)
.1
.1
.032(.8)
.134(3.4)
.165(4.2)
.381(9.7)
.114(2.9)
.098(2.5)
.055(1.4)
.039(1.0)
MAX
.118(3.0)
Unit : inch (mm)
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
trr
ns
CJ
pF
RθJC
°C/W
TJ
°C
TSTG
°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
UNIT
Maximum repetitive peak reverse voltage
PARAMETER
SYMBOL
SFF
2001
G
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
20
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Maximum instantaneous forward voltage (Note 1)
@ 10 A
VF
0.975
1.3
1.7
V
Maximum reverse current @ rated VR
TJ=25°C
IR
10
μA
TJ=125°C
400
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
Maximum reverse recovery time (Note 2)
35
Typical junction capacitance (Note 3)
Typical thermal resistance
2.5
Note 3: Measured at 1 MHz and applied reverse voltage of 4.0 V DC.
SFF
2002
G
SFF
2003
G
SFF
2004
G
SFF
2005
G
SFF
2006
G
SFF
2007
G
SFF
2008
G
90
Operating junction temperature range


Similar Part No. - SFF2002G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFF2002G TSC-SFF2002G Datasheet
330Kb / 2P
Isolated 20.0 AMPS. Glass Passivated Super Fast Rectifiers
SFF2002G TSC-SFF2002G Datasheet
192Kb / 2P
20.0AMPS Isolated Glass Passivated Super Fast Rectifier
logo
Thinki Semiconductor Co...
SFF2002GA THINKISEMI-SFF2002GA Datasheet
860Kb / 2P
20.0 Amperes Insulated Dual Common Anode Super Fast Recovery Rectifiers
SFF2002GD THINKISEMI-SFF2002GD Datasheet
860Kb / 2P
20.0 Amperes Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
SFF2002GS THINKISEMI-SFF2002GS Datasheet
860Kb / 2P
20.0 Amperes Insulated Dual Series Connection Super Fast Recovery Rectifiers
More results

Similar Description - SFF2002G

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SFF1601G THINKISEMI-SFF1601G Datasheet
1Mb / 2P
16.0 Amperes Insulated Common Cathode Super Fast Recovery Rectifiers
SFF2001GA THINKISEMI-SFF2001GA Datasheet
860Kb / 2P
20.0 Amperes Insulated Dual Common Anode Super Fast Recovery Rectifiers
SFR20S20F THINKISEMI-SFR20S20F Datasheet
757Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
FCU20UC16 THINKISEMI-FCU20UC16 Datasheet
757Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
20S20FA THINKISEMI-20S20FA Datasheet
736Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
SFR20S20FA THINKISEMI-SFR20S20FA Datasheet
736Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
SDURF2020CT THINKISEMI-SDURF2020CT_V01 Datasheet
270Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
R20U02DF THINKISEMI-R20U02DF Datasheet
281Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.12T
20S20FA THINKISEMI-20S20FA_V01 Datasheet
280Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
Rev.12T
MUR2020FCT THINKISEMI-MUR2020FCT_V01 Datasheet
452Kb / 2P
20.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com