Electronic Components Datasheet Search
  English  ▼

X  

50PD-028 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50PD-028
Description  5 WAY RESISTIVE POWER DIVIDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50PD-028 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50PD-028 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5 WAY RESISTIVE POWER DIVIDER
SPECIFICATION SHEET
JFW MODEL 50PD-028
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-1500 MHz
Impedance
50 Ohms nominal
VSWR
1.2:1 maximum
Insertion Loss
14 dB ± 0.3 dB
DC-1000 MHz
14 dB ± 0.5 dB
1000-1500 MHz
Amplitude Tracking
± 0.2 dB
DC-1000 MHz
± 0.3 dB
1000-1500 MHz
RF Input Power
2 Watts average @ 25ºC
100 Watts peak (1 microsecond)
Operating Temperature Range
-40ºC to +85ºC
RF Connector
SMA female
Outline Drawing Numbers
092-925-05 (50PD-028 SMA)
092-925-06 (50PD-028-NR SMA)
Note:
Add (-NR) for NON-RoHS version (i.e. 50PD-028-NR SMA)
9999
09/05/2002
A
SL 09/05/2002
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
18882
07/15/2010
B
TRS 07/15/2010
25831
10/22/2015
C
TRS 10/22/2015
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50PD-028

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-028 JFW-50PD-028 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
More results

Similar Description - 50PD-028

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-016 JFW-50PD-016 Datasheet
26Kb / 1P
2 WAY RESISTIVE POWER DIVIDER
50PD-028 JFW-50PD-028 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
50PD-136 JFW-50PD-136 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
50PD-583 JFW-50PD-583 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
75PD-048 JFW-75PD-048 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
50PD-016 JFW-50PD-016_10 Datasheet
26Kb / 1P
2 WAY RESISTIVE POWER DIVIDER
50PD-136 JFW-50PD-136_10 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
50PD-379 JFW-50PD-379_13 Datasheet
27Kb / 1P
2 WAY RESISTIVE POWER DIVIDER
50PD-732 JFW-50PD-732 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
75PD-048 JFW-75PD-048_14 Datasheet
26Kb / 1P
5 WAY RESISTIVE POWER DIVIDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com