Electronic Components Datasheet Search
  English  ▼

X  

50PD-293 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50PD-293
Description  4 WAY RESISTIVE POWER DIVIDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50PD-293 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50PD-293 Datasheet HTML 1Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4 WAY RESISTIVE POWER DIVIDER
SPECIFICATION SHEET
JFW MODEL 50PD-293
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
DC-4000 MHz
Impedance
50 Ohms nominal
VSWR
1.5:1 maximum
Insertion Loss
12 dB ± 0.75 dB
Amplitude Tracking
± 0.7 dB
RF Input Power
2 Watts average @ 25ºC
100 Watts peak
Operating Temperature Range
-40ºC to +85ºC
RF Connector
SMA female
Physical Size
See outline drawing 092-925-04
09/08/1999
ECR/ECN #
DATE
REV
APPR / DATE
ECR/ECN #
DATE
REV
APPR / DATE
9999
12/16/2002
A
SL 12/16/2002
18882
07/15/2010
B
TRS 07/15/2010
JFW FORM E-7-F REV F
Page 1 of 1


Similar Part No. - 50PD-293

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-293 JFW-50PD-293 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
More results

Similar Description - 50PD-293

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-018 JFW-50PD-018 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
50PD-135 JFW-50PD-135 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
50PD-293 JFW-50PD-293 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
50PD-631 JFW-50PD-631 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER/COMBINER
75PD-047 JFW-75PD-047 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
50PD-018 JFW-50PD-018_10 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
50PD-135 JFW-50PD-135_10 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
50PD-771 JFW-50PD-771 Datasheet
67Kb / 1P
4 WAY RESISTIVE POWER DIVIDER/COMBINER
75PD-047 JFW-75PD-047_14 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
75PD-165 JFW-75PD-165 Datasheet
26Kb / 1P
4 WAY RESISTIVE POWER DIVIDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com